Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54TSL-CC2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BAT54TSL-CC2-R
Description  SURFACE MOUNT SCHOTTKY BARRIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BAT54TSL-CC2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  BAT54TSL-CC2-R Datasheet HTML 1Page - Unisonic Technologies BAT54TSL-CC2-R Datasheet HTML 2Page - Unisonic Technologies BAT54TSL-CC2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT54TS
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-068.b
ABSOLUTE MAXIMUM RATINGS
(TA=25°C, unless otherwise specified. Fore capacitive load, derate current by 20%)
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Repetitive Reverse Voltage
VRRM
30
V
Continuous Forward Current
IF
0.2
A
Peak Forward Surge Current, 1.0s Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
IFSM
0.6
A
Junction Capacitance (VR=1V)
CJ
10
pF
Storage Temperature
TSTG
-55~+150
°C
Operating Junction Temperature
TJ
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
667
°C/W
ELECTRICAL CHARACTERISTICS
(TA=25°C, unless otherwise specified. Fore capacitive load, derate current by 20%)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Maximum Instantaneous Forward Voltage
VF
IF = 0.1mA
0.24
V
IF = 1mA
0.32
V
IF = 10mA
0.4
V
IF = 30mA
0.5
V
IF = 100mA
0.8
V
DC Reverse Current at Rated DC Blocking Voltage
IR
VR = 25V
2
μA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com