Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZT52C6V2SL-CB2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BZT52C6V2SL-CB2-R
Description  SURFACE MOUNT ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BZT52C6V2SL-CB2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  BZT52C6V2SL-CB2-R Datasheet HTML 1Page - Unisonic Technologies BZT52C6V2SL-CB2-R Datasheet HTML 2Page - Unisonic Technologies BZT52C6V2SL-CB2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZT52CXXXS
Preliminary
ZENER DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-091.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load. For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
Forward Voltage (Note)
IF=10mA
VF
0.9
V
Thermal characteristics
Power Dissipation (Note 2)
PD
200
mW
Operating Temperature
TJ
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified)
(VF = 0.9V Max @ IF = 10mA for all types.)
Device
Marking
Code
Nominal Zener Voltage
Zener Impedance
Reverse Leakage
Current (Note)
Zener
Current
VZ @ IZT (V)
IZT
ZZT @ IZT ZZK @ IZK
IZK
IR
@VR
mA
MIN
TYP MAX
mA
TYP (Ω)
mA
TYP (µA) TYP (V)
MIN MAX
BZT52C5V6S
5.6
5.20 5.60
6.0
5
40
400
1.0
3
2.0
-2.0
2.5
BZT52C6V2S
6.2
6.08
6.2
6.32
5
10
150
1.0
2
4.0
0.4
3.7
BZT52C16S
16
15.68
16
16.32
5
40
200
1.0
0.1
11.2
10.4 14.0
Note: Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com