Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZ23CXXL-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # DZ23CXXL-AE3-R
Description  300mW DUAL SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DZ23CXXL-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  DZ23CXXL-AE3-R Datasheet HTML 1Page - Unisonic Technologies DZ23CXXL-AE3-R Datasheet HTML 2Page - Unisonic Technologies DZ23CXXL-AE3-R Datasheet HTML 3Page - Unisonic Technologies DZ23CXXL-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
DZ23CXX
Preliminary
ZENER DIODE
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R601-090.a
300mW DUAL SURFACE
MOUNT ZENER DIODE
DESCRIPTION
The UTC DZ23CXX is a 300mW dual surface mount zener
diode, it uses UTC’s advanced technology to provide
customers with low reverse leakage current.
The UTC DZ23CXX is suitable for automatic insertion, etc.
FEATURES
* Low reverse leakage current
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
DZ23CXXL-AE3-R
DZ23CXXG-AE3-R
SOT-23
A
A
K
Tape Reel
Note: Pin Assignment: A: Anode, K: Cathode


Similar Part No. - DZ23CXXL-AE3-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DZ23C10 VISHAY-DZ23C10 Datasheet
53Kb / 4P
300 mW Dual Surface Mount Zener Diodes
01-Apr-99
logo
Diodes Incorporated
DZ23C10 DIODES-DZ23C10 Datasheet
60Kb / 3P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
DZ23C10 DIODES-DZ23C10 Datasheet
391Kb / 4P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
logo
Taiwan Semiconductor Co...
DZ23C10 TSC-DZ23C10 Datasheet
120Kb / 2P
Dual Surface Mount Zener Diode
logo
Pan Jit International I...
DZ23C10 PANJIT-DZ23C10 Datasheet
183Kb / 4P
DUAL SURFACE MOUNT ZENER DIODES
More results

Similar Description - DZ23CXXL-AE3-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7 Datasheet
60Kb / 3P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
DZ23C2V7 DIODES-DZ23C2V7 Datasheet
60Kb / 3P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
DZ23C2V7 DIODES-DZ23C2V7_1 Datasheet
391Kb / 4P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
DZ23C2V7 DIODES-DZ23C2V7_10 Datasheet
87Kb / 5P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 18 - 2
AZ23C2V7 DIODES-AZ23C2V7_09 Datasheet
87Kb / 4P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 13 - 2
AZ23C2V7 DIODES-AZ23C2V7_13 Datasheet
201Kb / 5P
300mW DUAL SURFACE MOUNT ZENER DIODE
Rev 15
DZ23C2V7 DIODES-DZ23C2V7_13 Datasheet
158Kb / 5P
300mW DUAL SURFACE MOUNT ZENER DIODE
Rev 20
AZ23C157 DIODES-AZ23C157 Datasheet
201Kb / 5P
300mW DUAL SURFACE MOUNT ZENER DIODE
Rev 15
DZ23C5V1-7 DIODES-DZ23C5V1-7 Datasheet
109Kb / 5P
300mW DUAL SURFACE MOUNT ZENER DIODE
Rev 19
DZ23C2V7 DIODES-DZ23C2V7_15 Datasheet
158Kb / 5P
300mW DUAL SURFACE MOUNT ZENER DIODE
Rev 20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com