Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZ23CXXG-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # DZ23CXXG-AE3-R
Description  300mW DUAL SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DZ23CXXG-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  DZ23CXXG-AE3-R Datasheet HTML 1Page - Unisonic Technologies DZ23CXXG-AE3-R Datasheet HTML 2Page - Unisonic Technologies DZ23CXXG-AE3-R Datasheet HTML 3Page - Unisonic Technologies DZ23CXXG-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DZ23CXX
Preliminary
ZENER DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R601-090.a
ABSOLUTE MAXIMUM RATINGS (T
A=25
°C unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Power Dissipation
PD
300
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
CHARACTERISTIC
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
417
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
For DZ23C22
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Zener Voltage Range (Note)
VZ
IZT=5.0mA
20.8
23.3
V
Minimum Reverse Voltage (Note)
VR
IR=0.1µA
17
V
Temperature Coefficient
TC
+0.09
%/°C
Zener Impedance
ZZT
f=1KHz, IZT=5.0mA
55
Ω
ZZK
f=1KHz, IZK=1.0mA
220
Ω
For DZ23C24
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Zener Voltage Range (Note)
VZ
IZT=5.0mA
22.8
25.6
V
Minimum Reverse Voltage (Note)
VR
IR=0.1µA
18
V
Temperature Coefficient
TC
+0.09
%/°C
Zener Impedance
ZZT
f=1KHz, IZT=5.0mA
80
Ω
ZZK
f=1KHz, IZK=1.0mA
220
Ω
Notes: Short duration test pulse used to minimize self-heating effect.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com