Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA134STR Datasheet(PDF) 5 Page - Clare, Inc.

Part # PLA134STR
Description  Single Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA134STR Datasheet(HTML) 5 Page - Clare, Inc.

  PLA134STR Datasheet HTML 1Page - Clare, Inc. PLA134STR Datasheet HTML 2Page - Clare, Inc. PLA134STR Datasheet HTML 3Page - Clare, Inc. PLA134STR Datasheet HTML 4Page - Clare, Inc. PLA134STR Datasheet HTML 5Page - Clare, Inc. PLA134STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PLA134
www.clare.com
5
Rev. 2
Mechanical Dimensions
8.382 – .387
(.330 – .025)
6.350 + .127
(.250 – .005)
6 Pin DIP Through Hole (Standard)
7.620
± .127
(.300
± .005)
6-.800 DIA.
(6-.031 DIA.)
2.540
± .127
(.100
± .005)
6.350
± .067
(.250
± .005)
5.08
± .127
(.200
± .005)
Dimensions
mm
(inches)
6.350 ± .127
(.250 ± .005)
8.382 ± .635
(.330 ± .025)
2.540 ± .127
(.100 ± .005)
9.144
(.360)
.457 ± .076
(.018 ± .003)
6 Pin DIP Through Hole (Standard)
7.239 TYP.
(.285)
3.302
(.130)
7.620 ± .254
(.300 ± .010)
9.144 ± .508
(.360 ± .020)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com