Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA193STR Datasheet(PDF) 2 Page - Clare, Inc.

Part # PLA193STR
Description  Single Pole OptoMOS Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA193STR Datasheet(HTML) 2 Page - Clare, Inc.

  PLA193STR Datasheet HTML 1Page - Clare, Inc. PLA193STR Datasheet HTML 2Page - Clare, Inc. PLA193STR Datasheet HTML 3Page - Clare, Inc. PLA193STR Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.clare.com
PLA193
R1
Electrical Characteristics
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure
of the device to the absolute maximum ratings for an
extended period may degrade the device and effect its
reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Voltage (Peak)
-
V
L
-
-
600
V
Load Current (Continuous)
AC/DC Configuration
-
I
L
-
-
100
mA
DC Configuration
-
I
L
-
-
170
mA
Peak Load Current
10ms
I
LPK
-
-
350
mA
On-Resistance
AC/DC Configuration
I
L=100mA
R
ON
--
50
Ω
DC Configuration
I
L=170mA
-
-
14
Ω
Off-State Leakage Current
V
L=600V
I
LEAK
-
-
10
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
--
5
ms
Turn-Off
I
F =5mA, VL=10V
T
OFF
--
5
ms
Output Capacitance
50V; f=1MHz
C
OUT
-50
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=100mA
I
F
5-
50
mA
Input Dropout Current
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-3
-
pF
Input to Output Isolation
(60 seconds)
V
I/O
5000
-
-
V
RMS
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Power Dissipation
-
-
8002
mW
Isolation Voltage
Input to Output
5000
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
DIP Package
-
-
+260
°C
Surface Mount Package
-
-
+220
°C
(10 Seconds Max.)
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com