Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1220 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS1220
Description  Sensitive and standard 12 A SCRs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1220 Datasheet(HTML) 1 Page - STMicroelectronics

  TS1220 Datasheet HTML 1Page - STMicroelectronics TS1220 Datasheet HTML 2Page - STMicroelectronics TS1220 Datasheet HTML 3Page - STMicroelectronics TS1220 Datasheet HTML 4Page - STMicroelectronics TS1220 Datasheet HTML 5Page - STMicroelectronics TS1220 Datasheet HTML 6Page - STMicroelectronics TS1220 Datasheet HTML 7Page - STMicroelectronics TS1220 Datasheet HTML 8Page - STMicroelectronics TS1220 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
September 2011
Doc ID 7475 Rev 7
1/13
13
TN1215, TS1220
TYN612, TYN812, TYN1012
Sensitive and standard 12 A SCRs
Features
■ On-state rms current, IT(RMS) 12 A
■ Repetitive peak off-state voltage, VDRM/VRRM
600 to 1000 V
■ Triggering gate current, IGT 0.2 to 15 mA
Description
Available either in sensitive (TS1220) or standard
(TN1215 / TYNx12) gate triggering levels, the
12 A SCR series is suitable to fit all modes of
control, found in applications such as overvoltage
crowbar protection, motor control circuits in power
tools and kitchen aids, inrush current limiting
circuits, capacitive discharge ignition and voltage
regulation circuits.
Available in through-hole or surface-mount
packages, they provide an optimized performance
in a limited space area.
A
K
G
A
K
G
A
A
K
G
A
A
A
K
G
A
K
G
A
A
A
K
G
IPAK
TN1215-xxxH
TS1220-xxxH
TO-220AB
TYNx12RG
TYNx12TRG
DPAK
TN1215-xxxB
TS1220-xxxB
D2PAK
TN1215-xxxG
TS1220-xxxG
TO-220AB
TS1220-xxxT
Table 1.
Device summary
Order code
Voltage (xxx) VDRM/VRRM
Sensitivity
IGT
Package
600 V
700 V
800 V
1000 V
TN1215-xxxB
X
X
15 mA
DPAK
TN1215-xxxG
X
X
15 mA
D2PAK
TN1215-xxxH
X
X
15 mA
IPAK
TS1220-xxxB
X
X
0.2 mA
DPAK
TS1220-xxxH
X
0.2 mA
IPAK
TS1220-xxxT
X
0.2 mA
TO-220AB
TYNx12RG
X
X
X
15 mA
TO-220AB
TYNx12TRG
X
X
X
5 mA
TO-220AB
www.st.com


Similar Part No. - TS1220

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS1220 STMICROELECTRONICS-TS1220 Datasheet
91Kb / 5P
SENSITIVE SCR
May-1998
TS1220-600B STMICROELECTRONICS-TS1220-600B Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
TS1220-600B STMICROELECTRONICS-TS1220-600B Datasheet
91Kb / 5P
SENSITIVE SCR
May-1998
TS1220-600B-TR STMICROELECTRONICS-TS1220-600B-TR Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
TS1220-600H STMICROELECTRONICS-TS1220-600H Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
More results

Similar Description - TS1220

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
Sensitive and Standard 12 A SCRS
08-Mar-2007
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
Sensitive and standard 8 A SCRs
22-Jan-2010
logo
Nell Semiconductor Co.,...
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
Sensitive and Standard SCRs, 8A
logo
STMicroelectronics
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
TS820-600T STMICROELECTRONICS-TS820-600T Datasheet
160Kb / 13P
Sensitive and standard 8 A SCRs
10-Oct-2011
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
Sensitive and Standard SCRs, 12A
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
Sensitive and Standard SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com