Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS27L4IDT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS27L4IDT
Description  Very low power precision CMOS quad operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS27L4IDT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS27L4IDT Datasheet HTML 2Page - STMicroelectronics TS27L4IDT Datasheet HTML 3Page - STMicroelectronics TS27L4IDT Datasheet HTML 4Page - STMicroelectronics TS27L4IDT Datasheet HTML 5Page - STMicroelectronics TS27L4IDT Datasheet HTML 6Page - STMicroelectronics TS27L4IDT Datasheet HTML 7Page - STMicroelectronics TS27L4IDT Datasheet HTML 8Page - STMicroelectronics TS27L4IDT Datasheet HTML 9Page - STMicroelectronics TS27L4IDT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
TS27L4
6/15
φm
Phase margin at unity gain
Av = 40dB, RL = 1MΩ, CL = 100pF
45
45
Degrees
Kov
Overshoot factor
30
30
%
en
Equivalent input noise voltage
f = 1kHz, Rs = 100Ω
68
68
Vo1/Vo2 Channel separation
120
120
dB
1.
Maximum values include unavoidable inaccuracies of the industrial tests.
Table 3.
VCC
+ = +10 V, V
CC
- = 0 V, T
amb = +25° C (unless otherwise specified) (continued)
Symbol
Parameter
TS27L4C/AC
TS27L4I/AI
Unit
Min.
Typ.
Max. Min.
Typ.
Max.
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com