Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS27L4AIDT Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS27L4AIDT
Description  Very low power precision CMOS quad operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS27L4AIDT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS27L4AIDT Datasheet HTML 7Page - STMicroelectronics TS27L4AIDT Datasheet HTML 8Page - STMicroelectronics TS27L4AIDT Datasheet HTML 9Page - STMicroelectronics TS27L4AIDT Datasheet HTML 10Page - STMicroelectronics TS27L4AIDT Datasheet HTML 11Page - STMicroelectronics TS27L4AIDT Datasheet HTML 12Page - STMicroelectronics TS27L4AIDT Datasheet HTML 13Page - STMicroelectronics TS27L4AIDT Datasheet HTML 14Page - STMicroelectronics TS27L4AIDT Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TS27L4
Ordering information
13/15
6
Ordering information
Table 7.
Order codes
Order code
Temperature
range
Package
Packing
Marking
TS27L4CD
TS27L4CDT
0°C, +70°C
SO-14
Tube or
Tape & reel
27L4C
TS27L4ACD
TS27L4ACDT
27L4AC
TS27L4CN
TS27L4ACN
DIP14
Tube
TS27L4CN
TS27L4ACN
TS27L4CPT
TS27L4ACPT
TSSOP14
Tape & reel
27L4C
27L4AC
TS27L4ID
TS27L4IDT
-40°C, +125°C
SO-14
Tube or
Tape & reel
27L4I
TS27L4AID
TS27L4AIDT
27L4AI
TS27L4IN
TS27L4AIN
DIP14
Tube
TS27L4IN
TS27L4AIN
TS27L4IPT
TS27L4AIPT
TSSOP14
Tape & reel
27L4I
27L4AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com