Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS112 Datasheet(PDF) 4 Page - Clare, Inc.

Part # TS112
Description  Multifunction Telecom Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TS112 Datasheet(HTML) 4 Page - Clare, Inc.

  TS112 Datasheet HTML 1Page - Clare, Inc. TS112 Datasheet HTML 2Page - Clare, Inc. TS112 Datasheet HTML 3Page - Clare, Inc. TS112 Datasheet HTML 4Page - Clare, Inc. TS112 Datasheet HTML 5Page - Clare, Inc. TS112 Datasheet HTML 6Page - Clare, Inc. TS112 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.clare.com
4
TS112
Rev. 1
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
TS112
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
TS112
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; IF = 2mADC)
0.88
1.58
2.28
2.98
1.23
1.93
2.63
Turn-On (ms)
25
20
15
10
5
0
TS112
Typical Blocking Voltage
vs. Temperature
Temperature (
°C)
-40
415
410
405
400
395
390
385
380
-20
0
20
40
60
80
100
TS112
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC)
35
30
25
20
15
10
5
0
9.25
10.25
8.75
9.75
10.75
On-Resistance (
Ω)
TS112
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
365
385
405
425
375
395
415
Blocking Voltage (V)
TS112
Load Current vs. Ambient Temperature
Ambient Temperature (
°C)
-40
100
75
50
25
0
025
50
85
IF = 5mA
TS112
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC)
0.42
0.66
0.90
0.30
0.54
0.78
1.02
LED Current (mA)
25
20
15
10
5
0
TS112
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC
25
20
15
10
5
0
0.30
0.54
0.78
0.18
0.42
0.66
0.90
LED Current (mA)
)
TS112
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; IF = 2mADC)
0.06
0.14
0.22
0.30
0.26
0.18
0.10
Turn-Off (ms)
25
20
15
10
5
0
TS112
Typical Leakage vs. Temperature
(Measured across Pins 15 & 16)
Temperature (
°C)
-40
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
TS112
Typical Turn-On vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
5mA
10mA
20mA
TS112
Typical Turn-Off vs. Temperature
(Load Current = 120mA)
Temperature (
°C)
-40
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
5mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com