Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS120 Datasheet(PDF) 4 Page - Clare, Inc.

Part # TS120
Description  Multifunction Telecom Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TS120 Datasheet(HTML) 4 Page - Clare, Inc.

  TS120 Datasheet HTML 1Page - Clare, Inc. TS120 Datasheet HTML 2Page - Clare, Inc. TS120 Datasheet HTML 3Page - Clare, Inc. TS120 Datasheet HTML 4Page - Clare, Inc. TS120 Datasheet HTML 5Page - Clare, Inc. TS120 Datasheet HTML 6Page - Clare, Inc. TS120 Datasheet HTML 7Page - Clare, Inc. TS120 Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.clare.com
4
TS120
Rev. 10
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
TS120
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C; IF = 5mADC)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
TS120
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC, IF = 5mADC)
35
30
25
20
15
10
5
0
19.85
22.05
24.25
18.75
20.95
23.15
25.35
On-Resistance (
Ω)
TS120
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
377.5
399.5
421.5
443.5
388.5
410.5
432.5
Blocking Voltage (V)
TS120
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC)
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
25
20
15
10
5
0
TS120
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC)
25
20
15
10
5
0
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
TS120
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; IF = 5mADC)
0.9
2.1
3.3
3.9
0.3
1.5
2.7
Turn-On (ms)
25
20
15
10
5
0
TS120
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; IF = 5mADC)
0.55
0.35
0.15
0.45
0.65
0.25
0.05
Turn-Off (ms)
25
20
15
10
5
0
TS120
Typical Load Current vs. Temperature
Temperature (
°C)
180
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100
20mA
10mA
5mA
TS120
Typical Leakage vs. Temperature
(Measured across Pins 7 & 8)
Temperature (
°C)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
TS120
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
430
425
420
415
410
405
400
395
-20
0
20
40
60
80
100
TS120
Typical Turn-On vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
5mA
10mA
20mA
-40
5.000
4.500
4.000
3.500
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
TS120
Typical Turn-Off vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
1.000
0.900
0.800
0.700
0.600
0.500
0.400
0.300
0.200
0.100
0
-20
0
20
40
60
80
100
5mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com