Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS190 Datasheet(PDF) 4 Page - Clare, Inc.

Part # TS190
Description  Multifunction Telecom Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TS190 Datasheet(HTML) 4 Page - Clare, Inc.

  TS190 Datasheet HTML 1Page - Clare, Inc. TS190 Datasheet HTML 2Page - Clare, Inc. TS190 Datasheet HTML 3Page - Clare, Inc. TS190 Datasheet HTML 4Page - Clare, Inc. TS190 Datasheet HTML 5Page - Clare, Inc. TS190 Datasheet HTML 6Page - Clare, Inc. TS190 Datasheet HTML 7Page - Clare, Inc. TS190 Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.clare.com
4
TS190
Rev. 4
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
TS190
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C; IF = 5mADC)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
TS190
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 150mADC; I
F = 5mADC)
35
30
25
20
15
10
5
0
13.1
14.3
15.5
16.7
13.7
14.9
16.1
On-Resistance (
Ω)
TS190
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
441.5
459.5
477.5
495.5
450.5
468.5
486.5
Blocking Voltage (V)
TS190
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 150mADC)
1.05
1.65
2.25
0.75
1.35
1.95
2.55
LED Current (mA)
25
20
15
10
5
0
TS190
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C
Load Current = 150mA)
25
20
15
10
5
0
1.05
1.65
2.25
0.75
1.35
1.95
2.55
LED Current (mA)
TS190
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 150mADC; IF = 5mADC)
0.15
0.27
0.39
0.51
0.21
0.33
0.45
Turn-On (ms)
25
20
15
10
5
0
TS190
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 150mADC; IF = 5mADC)
0.05
0.09
0.13
0.17
0.15
0.11
0.07
Turn-Off (ms)
25
20
15
10
5
0
TS190
Typical Load Current vs. Temperature
Temperature (
°C)
300
250
200
150
100
50
0
-40
-20
0
20
40
60
80
120
100
20mA
10mA
5mA
TS190
Typical Leakage vs. Temperature
(Measured across Pins 7 & 8)
Temperature (
°C)
-40
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
TS190
Typical Blocking Voltage
vs. Temperature
Temperature (
°C)
-40
480
475
470
465
460
455
450
445
-20
0
20
40
60
80
100
TS190
Typical Turn-On vs. Temperature
(Load Current = 150mADC)
Temperature (
°C)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
120
100
5mA
10mA
20mA
TS190
Typical Turn-Off vs. Temperature
(Load Current = 150mADC)
Temperature (
°C)
-40
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
-20
0
20
40
60
80
100
5mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com