Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS190LP Datasheet(PDF) 4 Page - Clare, Inc.

Part # TS190LP
Description  Multifunction Telecom Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TS190LP Datasheet(HTML) 4 Page - Clare, Inc.

  TS190LP Datasheet HTML 1Page - Clare, Inc. TS190LP Datasheet HTML 2Page - Clare, Inc. TS190LP Datasheet HTML 3Page - Clare, Inc. TS190LP Datasheet HTML 4Page - Clare, Inc. TS190LP Datasheet HTML 5Page - Clare, Inc. TS190LP Datasheet HTML 6Page - Clare, Inc. TS190LP Datasheet HTML 7Page - Clare, Inc. TS190LP Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.clare.com
4
TS190L
Rev. 4
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
TS190L
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C; IF = 5mADC)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
TS190L
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 150mADC; I
F = 5mADC)
35
30
25
20
15
10
5
0
17.5
19.5
21.5
23.5
18.5
20.5
22.5
On-Resistance (
Ω)
TS190L
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
448
464
480
496
456
472
488
Blocking Voltage (V)
TS190L
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 150mADC)
1.55
2.15
2.75
1.25
1.85
2.45
3.05
LED Current (mA)
25
20
15
10
5
0
TS190L
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C;
Load Current = 150mADC)
25
20
15
10
5
0
1.25
1.85
2.45
0.95
1.55
2.15
2.75
LED Current (mA)
TS190L
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 150mADC; IF = 5mADC)
0.15
0.27
0.39
0.51
0.21
0.33
0.45
Turn-On (ms)
25
20
15
10
5
0
TS190L
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 150mADC; IF = 5mADC)
0.038
0.052
0.066
0.080
0.073
0.059
0.045
Turn-Off (ms)
25
20
15
10
5
0
TS190L
Typical Load Current vs. Temperature
Temperature (
°C)
300
250
200
150
100
50
0
-40
-20
0
20
40
60
80
120
100
20mA
10mA
5mA
TS190L
Typical Leakage vs. Temperature
(Measured across Pins 7 & 8)
Temperature (
°C)
-40
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
TS190L
Typical Blocking Voltage
vs. Temperature
Temperature (
°C)
-40
490
485
480
475
470
465
460
455
450
445
-20
0
20
40
60
80
100
TS190L
Typical Turn-On vs. Temperature
(Load Current = 150mADC)
Temperature (
°C)
-40
1.50
1.25
1.00
0.75
0.50
0.25
0
-20
0
20
40
60
80
100
5mA
10mA
20mA
TS190L
Typical Turn-Off vs. Temperature
(Load Current = 150mADC)
Temperature (
°C)
-40
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
5mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com