Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS190LPTR Datasheet(PDF) 5 Page - Clare, Inc.

Part # TS190LPTR
Description  Multifunction Telecom Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TS190LPTR Datasheet(HTML) 5 Page - Clare, Inc.

  TS190LPTR Datasheet HTML 1Page - Clare, Inc. TS190LPTR Datasheet HTML 2Page - Clare, Inc. TS190LPTR Datasheet HTML 3Page - Clare, Inc. TS190LPTR Datasheet HTML 4Page - Clare, Inc. TS190LPTR Datasheet HTML 5Page - Clare, Inc. TS190LPTR Datasheet HTML 6Page - Clare, Inc. TS190LPTR Datasheet HTML 7Page - Clare, Inc. TS190LPTR Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS190L
www.clare.com
5
Rev. 4
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
TS190L
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
TS190L
Typical LED Forward Current vs. Turn-On
(Load Current = 150mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.30
0.25
0.20
0.15
0.10
0.05
0
50
TS190L
Typical Turn-Off vs. LED Forward Current
(Load Current = 150mADC)
Forward Current (mA)
0
5
1015202530354045
0.07
0.06
0.05
0.04
0.03
0.02
0.01
50
TS190L
Typical On-Resistance vs. Temperature
(Load Current = 150mADC; I
F = 5mADC)
Temperature (
°C)
-40
30
25
20
15
10
5
-20
0
20
40
60
80
100
TS190L
Typical IF for Switch Operation vs. Temperature
(Load Current = 150mADC)
Temperature (
°C)
-40
4.0
3.5
3.0
2.5
2.0
1.5
1.0
-20
0
20
40
60
80
100
TS190L
Typical IF for Switch Dropout vs. Temperature
(Load Current = 150mADC)
Temperature (
°C)
-40
4.0
3.5
3.0
2.5
2.0
1.5
1.0
-20
0
20
40
60
80
100
TS190L
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C; I
F = 5mA)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-2.5
-1.5
-2.0
-1.0 -0.5
0.5
1.5
1.0
2.0 2.5
0
TS190L
Energy Rating Curve
Time
10
µs
1.2
1.0
0.8
0.6
0.4
0.2
0
1ms
100
µs
100ms
1s
10ms
10s
100s
TS190L
Typical Current Limiting Characteristics
vs. Temperature
I
F = 5mA
Temperature (
°C)
-40
350
300
250
200
150
100
-20
0
20
40
60
80
100
TS190L
Typical Normalized CTR vs. Forward Current
(VCE = 0.5V)
IF (mA)
0
2
4
6
8
10
12
14
16
18
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
20
TS190L
Typical Normalized CTR vs. Temperature
(VCE = 0.5V)
Temperature (
°C)
8
7
6
5
4
3
2
1
0
-40
-20
0
20
40
60
80
120
100
1mA
2mA
5mA
10mA
15mA
20mA
TS190L
Typical Collector Current vs. Forward Current
(VCE = 0.5V)
IF (mA)
0
2468
12
10
14
16
18
20
12
10
8
6
4
2
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com