Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-M46T Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M46T
Description  Automotive Intelligent Power Module with R2Coupler Isolation and Small Outline, 5 Lead Package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M46T Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-M46T Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
2
Ordering Information
Part Number
Option
Package
Surface
Mount
Tape &
Reel
IEC/EN/DIN EN
60747-5-2
Quantity
(RoHS) Compliant
ACPL-M46T
-000E
SO-5
X
100 per tube
-060E
X
X
100 per tube
-500E
X
X
1500 per reel
-560E
X
X
X
1500 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ACPL-M46T-500E to order product of SO-5 Surface Mount package in Tape and Reel packaging with RoHS
compliant.
Example 2:
ACPL-M46T-000E to order product of SO-5 Surface Mount package in tube packaging with RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Package Outline Drawing
ACPL-M46T-000E Small Outline SO-5 Package (JEDEC MO-155)
M46T
YWW
EE
7.0 ± 0.2
(0.276 ± 0.008)
2.5 ± 0.1
(0.098 ± 0.004)
0.102 ± 0.102
(0.004 ± 0.004)
4.4 ± 0.1
(0.173 ± 0.004)
1.27
(0.050)
BSC
0.20 ± 0.025
(0.008 ± 0.001)
0.71
(0.028)
MIN
0.4 ± 0.05
(0.016 ± 0.002)
3.6 ± 0.1*
(0.142 ± 0.004)
DIMENSIONS IN MILLIMETERS (INCHES)
* MAXIMUM MOLD FLASH ON EACH SIDE IS 0.15 mm (0.006)
NOTE: FLOATING LEAD PROTRUSION IS 0.15 mm (6 mils) MAX.
Extended
Datecode
for lot tracking
7° MAX.
MAX. LEAD COPLANARITY
= 0.102 (0.004)
8.27
(0.325)
2.0
(0.080)
2.5
(0.10)
1.3
(0.05)
0.64
(0.025)
4.4
(0.17)
DIMENSION IN MILLIMETERS (INCHES)
Land Pattern Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com