Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT20SCD120B Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT20SCD120B
Description  Zero Recovery Silicon Carbide Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT20SCD120B Datasheet(HTML) 3 Page - Microsemi Corporation

  APT20SCD120B Datasheet HTML 1Page - Microsemi Corporation APT20SCD120B Datasheet HTML 2Page - Microsemi Corporation APT20SCD120B Datasheet HTML 3Page - Microsemi Corporation APT20SCD120B Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APT20SCD120B_S
TYPICAL PERFORMANCE CURVES
0
50
100
150
200
250
0
25
50
75
125
150
CASE TEMPERATURE (°C)
Figure 4. Maximum Power Dissipation vs. Case Temperature
100
120
140
160
180
200
220
240
260
200
300
400
500
600
700
800
200
400
600
800
900
1200
0
200
400 600
800 1000 1200 1400
0
0
100
200
300
400
500
600
700
0
100 200
300 400 500 600 700 800
V
R, REVERSE VOLTAGE (V)
Figure 6. Reverse Recovery Charge vs. V
R
V
R, REVERSE VOLTAGE (V)
Figure 5. Reverse Leakage Currents vs. Reverse Voltage
V
R, REVERSE VOLTAGE (V)
Figure 7. Junction Capacitance vs. Reverse Voltage
25°C
75°C
125°C
150°C
15.85 (.624)
16.05(.632)
18.70 (.736)
19.10 (.752)
1.15 (.045)
1.45 (.057)
5.45 (.215) BSC
(2 Plcs. )
4.90 (.193)
5.10 (.201)
1.45 (.057)
1.60 (.063)
2.70 (.106)
2.90 (.114)
0.40 (.016)
0.65 (.026)
Heat Sink (Cathode)
and Leads
are Plated
2.40 (.094)
2.70 (.106)
(Base of Lead)
1.90 (.075)
2.10 (.083)
Cathode
Anode
0.020 (.001)
0.250 (.010)
1.20 (.047)
1.40 (.055)
12.40 (.488)
12.70 (.500)
13.30 (.524)
13.60(.535)
1.00 (.039)
1.15(.045)
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max .
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
10.90 (.430) BSC
3.50 (.138)
3.81 (.150)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
Anode
Cathode
TO-247 Package Outline
D3PAK Package Outline
1.016(.040)
Dimensions in Millimeters and (Inches)
Dimensions in Millimeters and (Inches)
d
if/dt = -200A/μs
T
J = 125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com