Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0804T Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0804T
Description  SURFACE-MOUNT POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0804T Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0804T Datasheet HTML 1Page - Abracon Corporation ASPI-0804T Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part
L
DCR (Ω) Max
IDC (A) Max
No
(µH) ASPI ASPI ASPI ASPI ASPI ASPI ASPI ASPI ASPI ASPI ASP
- XXX ±20% 0802T 0804T 0810T 1109T 1306T 0402T 0802T 0804T 0810T 1109T 1306T
1R0
1R5
2R2
3R3
4R7
5R6
6R8
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
222
1.0
1.5
2.2
3.3
4.7
5.6
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
2200
0.11
0.15
0.23
0.30
0.39
0.66
0.84
1.2
1.9
2.7
4.0
5.3
8.4
0.009
0.010
0.012
0.015
0.018
0.027
0.038
0.046
0.085
0.11
0.14
0.20
0.28
0.40
0.52
0.61
1.02
1.27
2.02
3.00
7.00
0.009
0.033
0.042
0.054
0.08
0.10
0.17
0.22
0.34
0.44
0.70
0.95
1.20
2.00
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0.14
0.17
0.19
0.22
0.25
0.35
0.40
0.47
0.63
0.73
0.97
1.15
1.30
1.48
1.90
2.45
2.55
3.00
3.50
0.011
0.014
0.016
0.022
0.032
0.034
0.036
0.047
0.066
0.087
0.13
0.19
0.25
0.38
0.56
0.85
1.2
1.8
2.40
2.00
1.60
1.40
1.00
0.90
0.70
0.60
0.50
0.40
0.30
0.20
0.10
10.0
8.00
7.00
5.50
4.00
3.80
3.00
2.50
2.00
1.60
1.20
1.00
1.00
0.80
9.0
8.0
7.0
6.4
5.4
4.6
3.8
3.0
2.6
2.0
1.6
1.4
1.2
1.0
0.9
0.8
0.6
0.5
0.4
0.3
0.2
3.50
3.40
3.10
3.00
2.60
2.40
2.30
2.10
1.95
1.85
1.65
1.50
1.40
1.30
1.20
1.00
0.95
0.90
0.80
0.75
0.65
0.60
0.50
0.48
0.46
0.35
20.0
16.0
14.0
12.0
10.0
9.0
8.0
7.0
5.5
4.5
3.5
3.0
2.6
2.4
1.9
1.4
1.2
1.0
2.90
2.60
2.30
2.00
1.50
1.20
1.10
0.90
0.70
0.58
0.50
0.40
0.31
0.27
0.22
0.18
0.16
0.14
0.10
ASPI-T SERIES : 0802T, 0804T, 0810T, 1109T, 1306T
| | | | | | | | | | | | | | |
Measuring Frequency (L) : 100KHz, 0.1VRMS
Tolerance: Add -M=20% (Standard) to the part no.
Add -T for tape and reel
IDC: L drops 10% typical from initial value at IDC
• Tape & Reel is standard
• Bulk packaging available
for smaller quantities
• Custom design available
• Ideal for Palm-Top and Laptop DC to DC
converters
• PDA's flash memory
• Step-up, step-down converters
• Very small foot print
• Flat-top for pick & place
• Increased size selection guide
SURFACE-MOUNT POWER INDUCTORS
Pb RoHS
Compliant
ELECTRICAL SPECIFICATIONS:
APPLICATIONS:
FEATURES:
OPTIONS:
PARAMETERS
ABRACON P/N: ASPI-0802T - 1306T
Operating temperature: -40°C to + 125°C
Storage temperature: -40°C to + 125°C
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
Revised: 07.01.09


Similar Part No. - ASPI-0804T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-100 ABRACON-ASPI-0804T-100 Datasheet
1Mb / 2P
Special design lead wire for high isolation
10.21.11
ASPI-0804T-100M ABRACON-ASPI-0804T-100M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
ASPI-0804T-101 ABRACON-ASPI-0804T-101 Datasheet
1Mb / 2P
Special design lead wire for high isolation
10.21.11
ASPI-0804T-101M ABRACON-ASPI-0804T-101M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
ASPI-0804T-102 ABRACON-ASPI-0804T-102 Datasheet
1Mb / 2P
Special design lead wire for high isolation
10.21.11
More results

Similar Description - ASPI-0804T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
Surface Mount Power Inductors
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com