Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NATT331M50V16X17JLSF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NATT331M50V16X17JLSF
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NATT331M50V16X17JLSF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NATT331M50V16X17JLSF Datasheet HTML 1Page - NIC-Components Corp. NATT331M50V16X17JLSF Datasheet HTML 2Page - NIC-Components Corp. NATT331M50V16X17JLSF Datasheet HTML 3Page - NIC-Components Corp. NATT331M50V16X17JLSF Datasheet HTML 4Page - NIC-Components Corp. NATT331M50V16X17JLSF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors
NATT Series
T
A
P
Feeding
+
-
1.5
∅ +0.1/-
1.75
±
1.5
φ+0.1/-0
1.75 + 0.15
t
4 + 0.1
Case Size
A
±0.2
B
±0.2
C
±0.3
D
±0.1
P
±0.1
T
±0.2
t
max.
S
±0.1
6.3 x 6.3
7.0
7.0
16.0
7.5
12.0
6.5
0.6
-
6.3 x 8
7.0
7.0
16.0
7.5
12.0
8.2
0.6
-
8 x 10.5
8.7
8.7
24.0
11.5
16.0
11.1
0.6
-
10 x 10.5
10.7
10.7
24.0
11.5
16.0
11.2
0.6
-
12.5 x 14
13.2
13.2
32.0
14.2
24.0
14.3
0.6
28.4
16 x 17
17.5
17.5
44.0
20.2
28.0
17.3
0.6
40.4
Case Size
W
±1.0
Qty per Reel
13" (330mm)
15" (380mm)
6.3 x 6.3
18
800
1,000
6.3 x 8
18
500
900
8 x 10.5
26
300
500
10 x 10.5
26
300
500
12.5 x 14
34
-
250
16 x 17
46
-
200
2mm ± 0.5mm
φ13mm
± 0.5mm
φ21mm
± 0.8mm
φ330mm ± 2.0mm
or
φ380mm ± 2.0mm
W
3mm
TR13 330mm (13") REEL
TR15 380mm (15") REEL
TAPING SPECIFICATIONS (mm)
1. Both Leader and Trailer tape: Minimum 40mm (1.57") empty carrier tape pockets.
2. Leader tape: Approximately 20cm of cover tape at leader.
3. Connection: Maximum 3 connections (slices) per reel.
CARRIER TAPE DIMENSIONS (mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com