Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NREAX331M10V8x75F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NREAX331M10V8x75F
Description  Miniature Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NREAX331M10V8x75F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NREAX331M10V8x75F Datasheet HTML 1Page - NIC-Components Corp. NREAX331M10V8x75F Datasheet HTML 2Page - NIC-Components Corp. NREAX331M10V8x75F Datasheet HTML 3Page - NIC-Components Corp. NREAX331M10V8x75F Datasheet HTML 4Page - NIC-Components Corp. NREAX331M10V8x75F Datasheet HTML 5Page - NIC-Components Corp. NREAX331M10V8x75F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NRE-AX Series
Miniature Aluminum Electrolytic Capacitors
Taping Dimensions (mm)
STANDARD RADIAL TAPING (5mm LEAD SPACING, FORMED LEADS) TB
Case Dia. (D
φ)
5
6.3
8
Case Size
5x7
5x11
6.3x7
6.3x9
6.3x11
8x7.5
8x9
8x10.8
8x16
8x20
Dim.
d
φ ±0.05
0.5
0.5
0.5
0.5
0.5
0.6
0.6
0.6
0.6
0.6
H ±0.75
18.5
18.5
18.5
18.5
18.5
20.0
20.0
20.0
20.0
20.0
F +0.8 ~ -0.2
5.0 -02 ~ +0.8
P
12.7 ±1.0
P
0
12.7 ±0.2
P
1
3.85 ±0.5 (at end of tape)
P
2
6.35 ±1.0
W
18.0 ±0.5
W
0
11.5 min.
W
1
9.0 ±0.5
W
2
0 ~ 2.5
H
0
16.0 ±0.5
I
1.0 max.
D
0
φ
4.0 ±0.2
Δh
0 ±1.0 (at top of can)
t
0.7 ±0.2 (not including lead)
P
2
P
∅D
P
1
w
2
w
0
w
1.0
P
0
F
S ∅D
0
∅d
W
H
H0
1max
t
Δh



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com