Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NATT331M63V16X17HLSF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NATT331M63V16X17HLSF
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NATT331M63V16X17HLSF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NATT331M63V16X17HLSF Datasheet HTML 1Page - NIC-Components Corp. NATT331M63V16X17HLSF Datasheet HTML 2Page - NIC-Components Corp. NATT331M63V16X17HLSF Datasheet HTML 3Page - NIC-Components Corp. NATT331M63V16X17HLSF Datasheet HTML 4Page - NIC-Components Corp. NATT331M63V16X17HLSF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Impedance (
Ω)
100KHz, +20°C
Max. Ripple Current (mA)
+125°C, 100KHz
Load Life Hours
@ +125°C
NATT2R2M50V6.3X6.3NBF
2.2
50
0.14
3.50
45
1,000
NATT3R3M50V6.3X6.3NBF
3.3
0.14
3.50
45
1,000
NATT4R7M50V6.3X6.3NBF
4.7
0.14
3.50
45
1,000
NATT100M50V6.3X6.3NBF
10
0.14
2.80
50
1,000
NATT220M50V6.3X8NBF
22
0.14
2.00
80
1,000
NATT330M50V6.3X8NBF
33
0.14
2.00
80
1,000
NATT330M50V8X10.5NBF
33
0.14
0.70
140
2,000
NATT470M50V8X10.5NBF
47
0.14
0.70
140
2,000
NATT470M50V10X10.5LBF
47
0.14
0.50
247
2,000
NATT101M50V10X10.5LBF
100
0.14
0.50
247
2,000
NATT101M50V12.5X14KLBF
100
0.14
0.23
490
2,000
NATT221M50V12.5X14KLBF
220
0.14
0.23
490
2,000
NATT331M50V12.5X14KLBF
330
0.14
0.23
490
2,000
NATT331M50V16X17JLSF
330
0.14
0.15
800
2,000
NATT471M50V16X17JLSF
470
0.14
0.15
800
2,000
NATT681M50V16X17JLSF
680
0.14
0.15
800
2,000
NATT220M63V8X10.5KBF
22
63
0.12
1.0
100
1,500
NATT330M63V8X10.5KBF
33
0.12
1.0
100
1,500
NATT470M63V8X10.5KBF
47
0.12
1.0
100
1,500
NATT470M63V10X10.5JBF
47
0.12
0.5
150
1,500
NATT101M63V10X10.5JBF
100
0.12
0.5
150
1,500
NATT101M63V12.5X14JLBF
100
0.12
0.25
350
1,500
NATT221M63V12.5X14JLBF
220
0.12
0.25
350
1,500
NATT221M63V16X17HLSF
220
0.12
0.18
500
1,500
NATT331M63V16X17HLSF
330
0.12
0.18
500
1,500
NATT471M63V16X17HLSF
470
0.12
0.18
500
1,500
NATT100M100V8X10.5JBF
10
100
0.10
1.00
70
1,500
NATT220M100V8X10.5JBF
22
0.10
1.00
70
1,500
NATT330M100V10X10.5JBF
33
0.10
0.80
115
1,500
NATT470M100V12.5X14HLBF
47
0.10
0.33
350
1,500
NATT101M100V16X17HLSF
100
0.10
0.24
500
1,500
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
Surface Mount Aluminum Electrolytic Capacitors
NATT Series
For Automotive Equipment, see part number system
NATT 101 M 16V 6.3x8 N B W Y F
RoHS Compliant
Wide Terminations (Opt.)
Termination/Packaging Code
Reflow Temperature Code
Size in mm
Working Voltage
Tolerance Code M=20%
Capacitance Code in
μF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
μF
Series
PART NUMBER SYSTEM
Optional: Suitable for automotive equipment, sourced to special
production and inspection at TS-16949 certified production site
RIPPLE CURRENT FREQUENCY MULTIPLIER
Capacitance
(
μF)
Frequency (Hz)
100
1K
10K
100K
<22
0.50
0.80
0.90
1.0
<150
0.65
0.85
0.92
1.0
>150
0.70
0.85
0.95
1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com