Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECWF2305MB Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWF2305MB
Description  Metallized Polypropylene Film Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF2305MB Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWF2305MB Datasheet HTML 1Page - Panasonic Semiconductor ECWF2305MB Datasheet HTML 2Page - Panasonic Semiconductor ECWF2305MB Datasheet HTML 3Page - Panasonic Semiconductor ECWF2305MB Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IDimensions in mm (not to scale)
IPackaging Specifications for Bulk Package
Packing quantity:100 pcs./bag
ITaping Specifications for Automatic lnsertion
GTaping style
GPackaging Specification
✕
....See the column “Rating, Dimensions & Quantity Box” for packing quantity.
Ammo
Ammo
0.022 to 1.2
0.022 to 0.68
Cap. range
(µF)
Taping style
Packing
AD
AS
BC
D
E
K
K
Rated volt.
Type
250 VDC
400 VDC
Style
E
Lead Spacing
7.5 mm
GLead Spacing
ECWF (B)
✕
....Refer to the page of taping specifications.
Mar. 2006



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com