Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN07705 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN07705
Description  76.8MHz SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN07705 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN07705 Datasheet HTML 1Page - SIPAT Co,Ltd LBN07705 Datasheet HTML 2Page - SIPAT Co,Ltd LBN07705 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN07705
Rev. Date
2008-08-25
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
76.8MHz SAW Filter
5MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN07705
Features
For IF SAW filter
Single-ended operation
Ceramic Surface Mount Package
Small size
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
76.8
-
Insertion Loss
dB
-
17.7
25
1dB Bandwidth
MHz
4.8
4.97
-
3 dB Bandwidth
MHz
5.1
6.13
-
10 dB Bandwidth
MHz
-
7.92
-
20 dB Bandwidth
MHz
-
8.98
-
35 dB Bandwidth
MHz
-
9.93
11
Group Delay Variation(f0±2MHz)
nsec
-
90
200
Phase Linearity(f0±2.5MHz)
deg
-
4
9
Passband Variation
dB
-
0.6
1
Absolute Delay
usec
-
1.1
1.2
Ultimate Rejection(f0±10MHz)
dB
42
57
-
Material Temperature coefficient
KHz/°C
-7.22
Substrate Material
-
YZ LN
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SMD13.3*6.5C
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBN07705

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN07705 SIPAT-LBN07705 Datasheet
151Kb / 3P
76.8MHz SAW Filter 5MHz Bandwidth
More results

Similar Description - LBN07705

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN07702 SIPAT-LBN07702 Datasheet
142Kb / 3P
76.8MHz SAW Filter 25MHz Bandwidth
LBN07602 SIPAT-LBN07602 Datasheet
154Kb / 3P
76.8MHz SAW Filter
LBN07702 SIPAT-LBN07702 Datasheet
147Kb / 3P
76.8MHz SAW Filter
LBN07703 SIPAT-LBN07703 Datasheet
162Kb / 4P
76.8MHz SAW Filter
LBN07704 SIPAT-LBN07704 Datasheet
149Kb / 3P
76.8MHz SAW Filter
LBN07706 SIPAT-LBN07706 Datasheet
151Kb / 3P
76.8MHz SAW Filter
LBN07707 SIPAT-LBN07707 Datasheet
152Kb / 3P
76.8MHz SAW Filter
LBN07708 SIPAT-LBN07708 Datasheet
157Kb / 3P
76.8MHz SAW Filter
LBN07709 SIPAT-LBN07709 Datasheet
199Kb / 3P
76.8MHz SAW Filter
LBS07710 SIPAT-LBS07710 Datasheet
133Kb / 3P
76.8MHz SAW Filter 1MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com