Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W152 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W152
Description  Spread Aware?? Eight Output Zero Delay Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W152 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W152 Datasheet HTML 1Page - Cypress Semiconductor W152 Datasheet HTML 2Page - Cypress Semiconductor W152 Datasheet HTML 3Page - Cypress Semiconductor W152 Datasheet HTML 4Page - Cypress Semiconductor W152 Datasheet HTML 5Page - Cypress Semiconductor W152 Datasheet HTML 6Page - Cypress Semiconductor W152 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Spread Aware™, Eight Output Zero Delay Buffer
W152
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
June 14, 2000, rev. *B
Features
• Spread Aware™—designed to work with SSFTG
reference signals
• Two banks of four outputs each
• Configuration options to halve, double, or quadruple
the reference frequency refer to Table 1 to determine
the specific option which meets your multiplication
needs
• Outputs may be three-stated
• Available in 16-pin SOIC package
• Extra strength output drive available (-11/-12 versions)
• Contact factory for availability information on 16-pin
TSSOP
Key Specifications
Operating Voltage: ............................................... 3.3V±10%
Operating Range: .................... 15 MHz < fOUTQA < 140 MHz
Cycle-to-Cycle Jitter: (Refer to Figure 3) .................... 225 ps
Cycle-to-Cycle Jitter: Frequency Range
25 to140 MHz ......................................................... 125 ps
Output to Output Skew: Between Banks ..................... 215 ps
Output to Output Skew: Within Banks
(Refer to Figure 4) ...................................................100 ps
Total Timing Budget Impact: ........................................ 555 ps
Max. Phase Error Variation: ......................................±225 ps
Tracking Skew:...........................................................±130 ps
Table 1. Configuration Options
Device
Feedback Signal
QA0:3
QB0:3
W152-1/11[1]
QA0:3 or QB0:3
REFx1
REFx1
W152-2/12[2]
QA0:3
REFx1
REF/2
W152-2/12[2]
QB0:3
REFx2
REFx1
W152-3
QA0:3
REFx2
REFx1
W152-3
QB0:3
REFx4
REFx2
W152-4
QA0:3 or QB0:3
REFx2
REFx2
Notes:
1.
W152-11 has stronger output drive than the W152-1.
2.
W152-12 has stronger output drive than the W152-2.
Spread Aware is a trademark of Cypress Semiconductor Corporation.
Block Diagram
Pin Configuration
QA0
PLL
REF
MUX
QA1
QA2
QA3
QB0
QB1
÷2
SEL0
FBIN
QB2
QB3
SEL1
÷2
(present on the -3 and -4 only)
(present on the -2, -12, and -3 only)
FBIN
QA3
QA2
VDD
GND
QB3
QB2
SEL0
16
15
14
13
12
11
10
9
REF
QA0
QA1
VDD
GND
QB0
QB1
SEL1
1
2
3
4
5
6
7
8


Similar Part No. - W152

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W152 CYPRESS-W152 Datasheet
150Kb / 8P
Spread Aware?? Eight Output Zero Delay Buffer
W152 CYPRESS-W152_02 Datasheet
150Kb / 8P
Spread Aware?? Eight Output Zero Delay Buffer
More results

Similar Description - W152

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W132 CYPRESS-W132 Datasheet
135Kb / 6P
Spread Aware, Ten/Eleven Output Zero Delay Buffer
W163 CYPRESS-W163 Datasheet
89Kb / 4P
Spread Aware?? Zero Delay Buffer
February 21, 2000, rev
CY2509 CYPRESS-CY2509 Datasheet
100Kb / 6P
Spread Aware, Ten/Eleven Output Zero Delay Buffer
CY23S02 CYPRESS-CY23S02 Datasheet
103Kb / 7P
Spread Aware, Frequency Multiplier and Zero Delay Buffer
W162 CYPRESS-W162 Datasheet
147Kb / 7P
Spread Aware?? Zero Delay Buffer
CY2509 CYPRESS-CY2509_05 Datasheet
153Kb / 6P
Spread Aware?? Ten/Eleven Output Zero Delay Buffer
W152 CYPRESS-W152_02 Datasheet
150Kb / 8P
Spread Aware?? Eight Output Zero Delay Buffer
W163 CYPRESS-W163_02 Datasheet
95Kb / 5P
Spread Aware?? Zero Delay Buffer
CY2509 CYPRESS-CY2509_09 Datasheet
157Kb / 6P
Spread Aware Ten/Eleven Output Zero Delay Buffer
CY2509 CYPRESS-CY2509_11 Datasheet
211Kb / 11P
Spread Aware?? Ten/Eleven Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com