Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35-080 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 35-080
Description  HEAVY DUTY TOGGLES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

35-080 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  35-080 Datasheet HTML 1Page - List of Unclassifed Manufacturers 35-080 Datasheet HTML 2Page - List of Unclassifed Manufacturers 35-080 Datasheet HTML 3Page - List of Unclassifed Manufacturers 35-080 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SWITCHES
Phone (815)316-9080•Fax (815)316-9081
All quantities are single; BU’s are packages of 10 Unless otherwise noted.
278
LIGHTED TOGGLES
LIGHTED ROCKER
Fig. 2
Fig. 3
Fig. 4
Fig. 5
Retail
Bulk
Figure
Circuit
Poles/
Part No. Part No.
No.
Function
Throws
35-3300
35-3301
35-3302
35-3303
35-3310
35-3311
35-3312
35-3313
35-3320
35-3321
35-3322
35-3323
35-3330
35-3331
35-3332
35-3333
35-3300-BU
35-3301-BU
35-3302-BU
35-3303-BU
35-3310-BU
35-3311-BU
35-3312-BU
35-3313-BU
35-3320-BU
35-3321-BU
35-3322-BU
35-3323-BU
35-3330-BU
35-3331-BU
35-3332-BU
35-3333-BU
1
1
1
1
2
2
2
2
3
3
3
3
4
4
4
4
On
On
On
On
On
On
On
On
On
On
On
On
On
On
On
On
Off
Off
Off
Off
Off
Off
Off
Off
Off
Off
Off
Off
Off
Off
Off
Off
SPST
SPST
SPST
SPST
SPST
SPST
SPST
SPST
SPST
SPST
SPST
SPST
SPST
SPST
SPST
SPST
AMPS
12 VDC
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
LED Tip
LED Tip
LED Tip
LED Tip
LED Duckbill
LED Duckbill
LED Duckbill
LED Duckbill
LED Paddle
LED Paddle
LED Paddle
LED Paddle
LED Tip
LED Tip
LED Tip
LED Tip
Lighted Red LED
Lighted Green LED
Lighted Amber LED
Lighted Blue LED
Lighted Red LED
Lighted Green LED
Lighted Amber LED
Lighted Blue LED
Lighted Red LED
Lighted Green LED
Lighted Amber LED
Lighted Blue LED
Lighted Red LED
Lighted Green LED
Lighted Amber LED
Lighted Blue LED
0.500”
0.500”
0.500”
0.500”
0.500”
0.500”
0.500”
0.500”
0.944”
0.944”
0.944”
0.944”
0.866”
0.866”
0.866”
0.866”
0.400”
0.400”
0.400”
0.400”
0.400”
0.400”
0.400”
0.400”
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC.187”/Solder
QC.187”/Solder
QC.187”/Solder
QC.187”/Solder
Note: All figures are for illustration purpose only, and the number/type of terminals may vary
QC=Quick Connect
KN=Knurled Nut
Note: All figures are for illustration purpose only, and the number/type of terminals may vary
QC=Quick Connect
KN=Knurled Nut
279-A
279-A
279-A
279-A
279-B
279-B
279-B
279-B
279-C
279-C
279-C
279-C
279-D
279-D
279-D
279-D
KN
KN
KN
KN
KN
KN
KN
KN
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Spec. Drawing
Page/Part No.
Fig. 1
Terminal
Type
Bushing
Length
Mounting
Hole
Hardware
Lamp
Color
Actuator
Style
Retail
Bulk
Figure
Circuit
Poles/
Part No. Part No.
No.
Function
Throws
35-3370
35-3371
35-3372
35-3373
35-3370-BU
35-3371-BU
35-3372-BU
35-3373-BU
5
5
5
5
On
On
On
On
Off
Off
Off
Off
SPST
SPST
SPST
SPST
AMPS
12 VDC
30
30
30
30
LED Oval Rocker
LED Oval Rocker
LED Oval Rocker
LED Oval Rocker
Lighted Red LED
Lighted Green LED
Lighted Amber LED
Lighted Blue LED
0.500”
0.500”
0.500”
0.500”
0.350”
0.350”
0.350”
0.350”
QC .250”
QC .250”
QC .250”
QC .250”
279-E
279-E
279-E
279-E
KN
KN
KN
KN
Spec. Drawing
Page/Part No.
Terminal
Type
Bushing
Length
Mounting
Hole
Hardware
Lamp
Color
Actuator
Style



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com