Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1487SS Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1487SS
Description  Goulotte guide-fils pour tirage, type 4X
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1487SS Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1487SS Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1487SS Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Description
4 x 4
6 x 6
8 x 8
Part No.
Part No.
Part No.
12" Section
1487C12SS
1487D12SS
1487E12SS
24" Section
1487C24SS
1487D24SS
1487E24SS
36" Section
1487C36SS
1487D36SS
1487E36SS
48" Section
1487C48SS
1487D48SS
1487E48SS
60" Section
1487C60SS
1487D60SS
1487E60SS
120" Section
1487C120SS
1487D120SS
1487E120SS
6" Nipple
1487CM6SS
1487DM6SS
1487EM6SS
Standard Swivel Nipple
1487CV 2SS
1487DV 2SS
1487EV 2SS
Flexible Fitting
1487CFFSS¹
1487DFFSS¹
1487EFFSS¹
Adjustable Fitting
1487CXSS¹
1487DXSS¹
1487EXSS¹
90° Elbow
1487C9PSS
1487D9PSS
1487E9PSS
45° Elbow
1487C4PSS
1487D4PSS
1487E4PSS
Tee Fitting
1487CTSS
1487DTSS
1487ETSS
Center Hole Reducers
Reducer - 6 x 6 to 4 x 4
-
1487DRCSS²
-
Reducer - 8 x 8 to 4 x 4
-
-
1487ERCCSS²
Reducer - 8 x 8 to 6 x 6
-
-
1487ERCDSS²
Edge Hole Reducers
Reducer 6 x 6 to 4 x 4
-
1487DRESS²
-
Reducer 8 x 8 to 4 x 4
-
-
1487ERECSS²
Reducer 8 x 8 to 6 x 6
-
-
1487EREDSS²
Box Connector
1487CKSS¹
1487DKSS¹
1487EKSS¹
Drop Hanger
1487CL1SS¹
1487DL1SS¹
1487EL1SS¹
Bracket Hanger
1487CL2SS¹
1487DL2SS¹
1487EL2SS¹
Cover Plate
1487CHSS²
1487DHSS²
1487EHSS²
Gasket & Screws
1487CSSS¹
1487DSSS¹
1487ESSS¹
¹ Does not meet CSA or UL requirements
² Maintains ratings on CSA and UL approved wireway
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com