Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W180 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W180
Description  Peak Reducing EMI Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W180 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W180 Datasheet HTML 1Page - Cypress Semiconductor W180 Datasheet HTML 2Page - Cypress Semiconductor W180 Datasheet HTML 3Page - Cypress Semiconductor W180 Datasheet HTML 4Page - Cypress Semiconductor W180 Datasheet HTML 5Page - Cypress Semiconductor W180 Datasheet HTML 6Page - Cypress Semiconductor W180 Datasheet HTML 7Page - Cypress Semiconductor W180 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
W180
2
Pin Definitions
Pin Name
Pin No.
Pin
Type
Pin Description
CLKOUT
5
O
Output Modulated Frequency: Frequency modulated copy of the unmodu-
lated input clock (SSON# asserted).
CLKIN or X1
1
I
Crystal Connection or External Reference Frequency Input: This pin has
dual functions. It may either be connected to an external crystal, or to an
external reference clock.
NC or X2
2
I
Crystal Connection: Input connection for an external crystal. If using an ex-
ternal reference, this pin must be left unconnected.
SSON#
8 (-02, -03
52, 53)
I
Spread Spectrum Control (Active LOW): Asserting this signal (active LOW)
turns the internal modulation waveform on. This pin has an internal pull-down
resistor.
FS1:2
7, 8 (-01, 51)
I
Frequency Selection Bit(s) 1 and 2: These pins select the frequency range
of operation. Refer to Table 2. These pins have internal pull-up resistors.
SS%
4
I
Modulation Width Selection: When Spread Spectrum feature is turned on,
this pin is used to select the amount of variation and peak EMI reduction that
is desired on the output signal. Internal pull-up resistor.
VDD
6
P
Power Connection: Connected to 3.3V or 5V power supply.
GND
3
G
Ground Connection: This should be connected to the common ground plane.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com