Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB240G-CA2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SB240G-CA2-R
Description  2.0A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB240G-CA2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SB240G-CA2-R Datasheet HTML 1Page - Unisonic Technologies SB240G-CA2-R Datasheet HTML 2Page - Unisonic Technologies SB240G-CA2-R Datasheet HTML 3Page - Unisonic Technologies SB240G-CA2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SB240
Preliminary
DIODE
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R601-199.b
2.0A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC SB240 is a Schottky Rectifier with high current capacity
and low forward voltage.
The UTC SB240 is suitable for polarity protection ,low voltage and
high frequency inverters and free wheeling applications
FEATURES
* High Current Capability
* Low Forward Voltage
DO-41
SMB
(JEDEC DO-214AA)
+
-
SOD-123
SOD-323
+
-
+
-
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
SB240L-SMB-R
SB240G-SMB-R
SMB
K
A
Tape Reel
SB240L-CA2-R
SB240G-CA2-R
SOD-123
K
A
Tape Reel
SB240L-CB2-R
SB240G-CB2-R
SOD-323
K
A
Tape Reel
SB240L-Z41-R
SB240G-Z41-R
DO-41
K
A
Tape Reel
Note: Pin Assignment: A: Anode, K: Cathode
(1) R: Tape Reel
(2) SMB: SMB, CA2: SOD-123, CB2: SOD-323
Z41: DO-41
(3) L: Lead Free, G: Halogen Free
SB240L-SMB-R
(1)Packing Type
(2)Package Type
(3)Lead Free
MARKING INFORMATION
PACKAGE
MARKING
SMB
Date Code
Cathode Band for
uni-directional Only
UTC
SB240
L: Lead Free
G: Halogen Free
SOD-123
SOD-323
B2
Lead Free


Similar Part No. - SB240G-CA2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SB240G-CA2-R UTC-SB240G-CA2-R Datasheet
165Kb / 4P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB240G-CA2-R

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB220 WTE-SB220 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
SR220 WTE-SR220 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB240 DIODES-SB240 Datasheet
62Kb / 2P
2.0A SCHOTTKY BARRIER RECTIFIER
DS30193 Rev. B-0
B2100AF DIODES-B2100AF_15 Datasheet
514Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
YENYO TECHNOLOGY Co., L...
SS2020FL YENYO-SS2020FL Datasheet
237Kb / 2P
2.0A Schottky Barrier Rectifier
logo
Diodes Incorporated
B220AE DIODES-B220AE Datasheet
315Kb / 6P
2.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
B240S1F DIODES-B240S1F Datasheet
416Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
B2100AF DIODES-B2100AF Datasheet
513Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER
March 2015
B250AE DIODES-B250AE Datasheet
447Kb / 6P
2.0A SCHOTTKY BARRIER RECTIFIER
January 2020 Rev. 5 - 2
B260S1F DIODES-B260S1F Datasheet
417Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER
May 2017 Rev. 2 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com