Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB540G-SMB-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SB540G-SMB-R
Description  5.0A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB540G-SMB-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SB540G-SMB-R Datasheet HTML 1Page - Unisonic Technologies SB540G-SMB-R Datasheet HTML 2Page - Unisonic Technologies SB540G-SMB-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SB540
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R601-186.c
5.0A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC SB540 is 5.0A schottky barrier rectifier. it uses UTC’s
advanced technology to provide customers with high current
capability and low forward voltage drop, etc.
The UTC SB540 is suitable for free wheeling, low voltage and
polarity protection applications, etc.
FEATURES
* Metal to silicon rectifier, majority carrier conduction.
* For use in low voltage, high frequency inverters free wheeling,
and polarity protection applications.
* Low power loss, high efficiency.
* High current capability, low VF.
* High surge capacity.
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
SB540L-SMB-R
SB540G-SMB-R
SMB
K
A
Tape Reel
SB540L-SMC-R
SB540G-SMC-R
SMC
K
A
Tape Reel
SB540L-Z21D-R
SB540G-Z21D-R
DO-201AD
K
A
Tape Reel
Note: Pin Assignment: A: Anode, K: Cathode
SB540L-SMB-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) SMB: SMB, SMC: SMC, Z21D: DO-201AD
(3) L: Lead Free, G: Halogen Free
(3)Lead Free
MARKING INFORMATION
PACKAGE
MARKING
SMB
SMC
Date Code
Cathode Band for
uni-directional Only
UTC
SB540
L: Lead Free
G: Halogen Free
DO-201AD
UTC
SB540
Date Code
L: Lead Free
G: Halogen Free
Cathode Band for uni-directional Only


Similar Part No. - SB540G-SMB-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SB540G-SMB-R UTC-SB540G-SMB-R Datasheet
193Kb / 3P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB540G-SMB-R

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB520 WTE-SB520 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB520 DIODES-SB520 Datasheet
56Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 6 - 2
SB570 DIODES-SB570 Datasheet
56Kb / 2P
5.0A SCHOTTKY BARRIER RECTIFIER
DS30135 Rev. 4 -2
SBL530 DIODES-SBL530 Datasheet
90Kb / 2P
5.0A SCHOTTKY BARRIER RECTIFIER
DS23043 Rev. D-2
SB520 DIODES-SB520_1 Datasheet
69Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 8 - 2
SBL530 DIODES-SBL530_1 Datasheet
75Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
DS23043 Rev. 5 - 2
SB570 DIODES-SB570_1 Datasheet
55Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
DS30135 Rev. 5 - 2
SB520 DIODES-SB520_15 Datasheet
75Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
New Jersey Semi-Conduct...
SB520 NJSEMI-SB520 Datasheet
95Kb / 1P
5.0A SCHOTTKY BARRIER RECTIFIER
SB570 NJSEMI-SB570 Datasheet
92Kb / 1P
5.0A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com