Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB3100L-Z21D-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SB3100L-Z21D-R
Description  3.0A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB3100L-Z21D-R Datasheet(HTML) 2 Page - Unisonic Technologies

  SB3100L-Z21D-R Datasheet HTML 1Page - Unisonic Technologies SB3100L-Z21D-R Datasheet HTML 2Page - Unisonic Technologies SB3100L-Z21D-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB3100
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-080.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Repetitive Reverse Voltage
VRRM
100
V
Working Peak Reverse Voltage
VRWM
100
V
DC Blocking Voltage
VR
100
V
RMS Reverse Voltage
VR(RMS)
70
V
Average Rectified Output Current
(Note 2)
TC=80°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
80
A
Forward Voltage
IF=30A
VFM
0.79
V
Peak Reverse Current at Rated DC
Blocking Voltage
TC=25°C
IRM
0.5
mA
TC=100°C
20
mA
Typical Junction Capacitance (Note 3)
Cj
250
pF
Typical Thermal Resistance Junction to Ambient
RθJA
20
K/W
Junction Temperature Range
TJ
-65~+150
°C
Storage Temperature Range
TSTG
-65~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Measured at ambient temperature at a distance of 9.5mm from the case.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com