Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB3100G-Z21D-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SB3100G-Z21D-R
Description  3.0A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB3100G-Z21D-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SB3100G-Z21D-R Datasheet HTML 1Page - Unisonic Technologies SB3100G-Z21D-R Datasheet HTML 2Page - Unisonic Technologies SB3100G-Z21D-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SB3100
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R601-080.a
3.0A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC SB3100 is a 3.0A schottky barrier rectifier, it uses
UTC’s advanced technology to provide the customers with high
surge capability, high efficiency, high current capability and low
forward voltage drop, etc.
The UTC SB3100 is suitable for free wheeling and polarity
protection, etc.
FEATURES
* High surge capability
* High efficiency
* High current capability
* Low power loss
* Low forward voltage drop
DO-201AD
1
2
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
SB3100L-Z21D-R
SB3100G-Z21D-R
DO-201AD
K
A
Tape Reel
Note: Pin Assignment: A: Anode, K: Cathode
SB3100L-Z21D-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) Z21D: DO-201AD
(3) L: Lead Free, G: Halogen Free
(3)Lead Free


Similar Part No. - SB3100G-Z21D-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SB3100G-Z21D-B UTC-SB3100G-Z21D-B Datasheet
164Kb / 3P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB3100G-Z21D-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SB320 DIODES-SB320 Datasheet
147Kb / 2P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 4 - 2
SB320 DIODES-SB320_1 Datasheet
70Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 7 - 2
logo
TAITRON Components Inco...
TSR320 TAITRON-TSR320 Datasheet
261Kb / 4P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB320 DIODES-SB320_10 Datasheet
78Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 9 - 2
SB370 DIODES-SB370_08 Datasheet
84Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
Rev. 3 - 2 July 2008
logo
Unisonic Technologies
SB360 UTC-SB360 Datasheet
113Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB370 DIODES-SB370_15 Datasheet
84Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Unisonic Technologies
SB340 UTC-SB340_15 Datasheet
129Kb / 4P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B320AF DIODES-B320AF Datasheet
311Kb / 1P
3.0A SCHOTTKY BARRIER RECTIFIER
May 2017 Rev. 2 - 2
B320BE DIODES-B320BE Datasheet
458Kb / 6P
3.0A SCHOTTKY BARRIER RECTIFIER
January 2020 Rev. 3 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com