Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK54L-SMB-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SK54L-SMB-R
Description  5A, 40V SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK54L-SMB-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SK54L-SMB-R Datasheet HTML 1Page - Unisonic Technologies SK54L-SMB-R Datasheet HTML 2Page - Unisonic Technologies SK54L-SMB-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SK54
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R601-092.a
5A, 40V SCHOTTKY RECTIFIER
DESCRIPTION
The UTC SK54 is a schottky rectifier, it uses UTC’s advanced
technology to provide the customers with high current capability and
low forward voltage, etc.
The UTC SK54 is suitable for surface mount applications, etc.
FEATURES
* High current capability
* Low forward voltage
SYMBOL
SMB
+
-
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
SK54L-SMB-R
SK54G-SMB-R
SMB
K
A
Tape Reel
Note: Pin Assignment: A: Anode K: Cathode
SK54L-SMB-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) SMB: SMB
(3) L: Lead Free, G:Halogen Free
(3)Lead Free


Similar Part No. - SK54L-SMB-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK54L-SMB-R UTC-SK54L-SMB-R Datasheet
138Kb / 3P
SCHOTTKY RECTIFIER
More results

Similar Description - SK54L-SMB-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBA50-04J SANYO-SBA50-04J Datasheet
83Kb / 3P
40V, 5A Rectifier
SBA50-04Y SANYO-SBA50-04Y Datasheet
81Kb / 3P
40V, 5A Rectifier
logo
Shindengen Electric Mfg...
D5SC4MR SHINDENGEN-D5SC4MR Datasheet
593Kb / 11P
Schottky Rectifiers (SBD) (40V 5A)
SF5S4 SHINDENGEN-SF5S4 Datasheet
613Kb / 10P
Schottky Rectifiers (SBD) (40V 5A)
logo
KODENSHI_AUK CORP.
SDB540PH KODENSHI-SDB540PH Datasheet
301Kb / 5P
40V, 5A POWER SCHOTTKY RECTIFIER
SDB540PH-1 KODENSHI-SDB540PH-1 Datasheet
301Kb / 5P
40V, 5A POWER SCHOTTKY RECTIFIER
logo
PFC Device Inc.
P5L40B PFC-P5L40B Datasheet
643Kb / 5P
5A 40V MOS Schottky Rectifier
P5L40F-A PFC-P5L40F-A Datasheet
659Kb / 5P
5A 40V MOS Schottky Rectifier
PFS5A40 PFC-PFS5A40 Datasheet
563Kb / 5P
5A 40V MOS Schottky Rectifier
PFS5L40 PFC-PFS5L40 Datasheet
561Kb / 5P
5A 40V MOS Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com