Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36948 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 36948
Description  Metric Ball End Hex Keys Chrome Finish
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

36948 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  36948 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
See Product Category Index
46
Metric Ball End Hex Keys Chrome Finish
Inch Ball End Hex Keys Chrome Finish
13 Pc. Inch Ball End Long Hex L-Key Set in Plastic Holder
Blade CVM steel, hardened, hard chrome finish.
Item
No.
Inch Inch
Inch
Inch
lbs.
369 98
369 40
.050 2.8
369 54
5/32
5.7
1.0
369 41
1/16 3.1
369 57
3/16
6.2
369 42
5/64 3.5
369 58
7/32
6.7
369 43
3/32 3.9
369 60
1/4
7.3
369 48
7/64 4.3
369 61
5/16
8.0
369 49
1/8
4.6
369 63
3/8
8.8
369 51
9/64 5.2
369 98
For angle
entry
Ball End Inch Hex L-Key, Long Arm
Blade CVM steel, hardened, hard chrome finish.
Item
No.
Inch
Inch
Inch
lbs.
pkg.
369 40
.050
2.8
.5
.002
10
369 41
1/16
3.1
.6
.004
10
369 42
5/64
3.5
.7
.007
10
369 43
3/32
3.9
.7
.010
10
369 48
7/64
4.3
.7
.016
10
369 49
1/8
4.6
.8
.021
10
369 51
9/64
5.2
.9
.029
10
369 54
5/32
5.7
1.0
.035
10
369 57
3/16
6.2
1.1
.059
10
369 58
7/32
6.7
1.2
.092
10
369 60
1/4
7.3
1.2
.13
10
369 61
5/16
8.0
1.4
.22
10
369 63
3/8
8.8
1.6
.36
10
369
9 Pc. Metric Ball End Long Hex L-Key Set
Blade CVM steel, hardened, hard chrome finish. In plastic holder.
Item
No.
mm
mm
mm
mm
lbs.
669 94
669 04
1.5
90
669 26
5.0
158
.98
669 08
2.0
99
669 30
6.0
178
669 12
2.5
111
669 37
8.0
198
669 18
3.0
125
669 38
10.0
221
669 22
4.0
138
669 94
Ball End Metric Hex L-Key, Long
Blade CVM steel, hardened, hard chrome finish.
Item
No.
mm
mm
mm
lbs.
pkg.
669 04
1.5
90
14
.004
10
669 08
2.0
99
16
.007
10
669 12
2.5
111
18
.012
10
669 18
3.0
125
20
.019
10
669 22
4.0
138
25
.042
10
669 26
5.0
158
28
.072
10
669 30
6.0
178
32
.12
10
669 37
8.0
198
36
.23
10
669 38
10.0
221
40
.40
10
669
For angle
entry
Extra Long
Hard Chromed
Extra Long
Hard Chromed
Set 6 Pc. Metric Ball End Long Hex L-Key Set
Blade CVM steel, hardened, hard chrome finish In Plastic Holder.
Item
No.
mm
mm
mm
mm
lbs.
669 95
669 04
1.5
90
669 18
3.0
125
.21
669 08
2.0
99
669 22
4.0
138
669 12
2.5
111
669 26
5.0
158
669 95
2 Pack Inch & Metric Ball End Hex L-key Sets High alloy
CVM steel, hardened, hard chrome finish. In plastic Holders.
Item No
669 93 2 Sets with 22 L-keys include:
lbs.
Sizes - 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
2.12
Sizes - .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32,
3/16, 7/32, 1/4, 5/16, 3/8”
669 93
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 36948

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3694 ADAFRUIT-3694 Datasheet
365Kb / 2P
Solder‐free Stackable Banana Plugs 4mm ‐ Pack of 5 Multi Color
1-23-18
logo
Littelfuse
3694.000000 LITTELFUSE-3694.000000 Datasheet
173Kb / 3P
Radial Lead Fuses
3694.000440 LITTELFUSE-3694.000440 Datasheet
173Kb / 3P
Radial Lead Fuses
logo
List of Unclassifed Man...
36944 ETC2-36944 Datasheet
350Kb / 1P
Metric Ball End Hex Keys Black Finish
36945 ETC2-36945 Datasheet
350Kb / 1P
Metric Ball End Hex Keys Black Finish
More results

Similar Description - 36948

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1427E HAMMOND-1427E Datasheet
90Kb / 1P
Handle Material - CR Steel, Finish - Bright Chrome Plated
1427L HAMMOND-1427L Datasheet
88Kb / 1P
Handle Material - CR Steel, Finish - Bright Chrome Plated
logo
List of Unclassifed Man...
4411 ETC2-4411 Datasheet
26Kb / 1P
Hex Keys
D00601 ETC1-D00601 Datasheet
30Kb / 1P
Folding Ball End Hex Key Set
35305 ETC2-35305 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
35307 ETC2-35307 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
AC110V ETC2-AC110V Datasheet
47Kb / 1P
Crescent 10 Chrome Finish Adjustable Wrench, Carded
36962 ETC2-36962 Datasheet
350Kb / 1P
Metric Ball End Hex Keys Black Finish
logo
SparkFun Electronics
COM-11147 SPARKFUN-COM-11147 Datasheet
88Kb / 1P
LED Holder - 5mm (Chrome Finish)
10/8/2015
COM-11148 SPARKFUN-COM-11148 Datasheet
89Kb / 1P
LED Holder - 10mm (Chrome Finish)
8/4/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com