Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLVU2.8G-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SLVU2.8G-AE3-R
Description  LOW VOLTAGE DIODE FOR ESD AND LATCH-UP PROTECTION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SLVU2.8G-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  SLVU2.8G-AE3-R Datasheet HTML 1Page - Unisonic Technologies SLVU2.8G-AE3-R Datasheet HTML 2Page - Unisonic Technologies SLVU2.8G-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SLVU2.8
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-087.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Pulse Current (tp=8/20µs)
IPP
24
A
Peak Pulse Power (tp=8/20µs)
PPK
400
W
Lead Soldering Temperature
TL
260 (10 seconds)
°C
Storage Temperature
TSTG
-55~+150
°C
Operating Junction Temperature
TJ
-55~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Reverse Stand-Off Voltage
VRWM
Pin 3 to 2 or Pin 1 to 2
2.8
V
Punch-Through Voltage
VPT
IPT=2µA, Pin 3 to 2
3.0
V
Snap-Back Voltage
VSB
ISB=50mA, Pin 3 to 2
2.8
V
Reverse Leakage Current
IR
VRWM=2.8V, T=25°C, Pin 3 to 2 or
Pin 1 to 2
1
µA
Clamping Voltage
VC
IPP=2A, tp=8/20µs, Pin 3 to 2
3.9
V
IPP=5A, tp=8/20µs, Pin 3 to 2
7
V
IPP=24A, tp=8/20µs, Pin 3 to 2
12.5
V
IPP=5A, tp=8/20µs, Pin 1 to 2
8.5
V
IPP=24A, tp=8/20µs, Pin 1 to 2
15
V
Junction Capacitance
Cj
Pin 3 to 2 and 1 (Pin 2 and 1 Tied
Together), VR=0V, f=1MHz
70
100
pF
Pin 1 to 2 (Pin 3 N.C.), VR=0V,
f=1MHz
5
10
pF
Steering Diode Characteristics
Reverse Breakdown Voltage
VBR
IT=10µA, Pin 3 to 1
40
V
Reverse Leakage Current
IRD
VRWM=2.8V, T=25°C, Pin 3 to 1
1
µA
Forward Voltage
VF
IF=1A, Pin 1 to 3
2
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com