Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRV05-4L-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # SRV05-4L-AG6-R
Description  LOW CAPACITANCE TVS DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SRV05-4L-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  SRV05-4L-AG6-R Datasheet HTML 1Page - Unisonic Technologies SRV05-4L-AG6-R Datasheet HTML 2Page - Unisonic Technologies SRV05-4L-AG6-R Datasheet HTML 3Page - Unisonic Technologies SRV05-4L-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SRV05-4
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R601-076.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
ESD Voltage (HBM Contact)
VESD
>8
kV
Peak Pulse Power (8/20μs Waveform)
PPP
350
W
Peak Pulse Current (8/20μs Waveform)
IPPM
12
A
Storage Temperature
TSTG
-55~+150
°C
Operating Junction Temperature
TJ
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Stand-Off Voltage
VWRM
5
V
Reverse Breakdown Voltage
VBR
IBR=1mA, PIN 5 to 2
6
V
Reverse Leakage Current
IR
VR=5V, PIN 5 to 2
1.2
5
μA
Clamping Voltage (8/20μs)
VC
IPP=1A, ANY I/O pin to pin 2
12
V
IPP=5A, ANY I/O pin to pin 2
17
V
Off State Junction Capacitance
CJ
0Vdc, f=1.0MHZ,
between I/O lines and GND
1.1
1.2
pF
0Vdc, f=1.0MHZ, between I/O lines
0.55 0.60
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com