Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS14WG-SMA-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SS14WG-SMA-R
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SS14WG-SMA-R Datasheet(HTML) 2 Page - Unisonic Technologies

  SS14WG-SMA-R Datasheet HTML 1Page - Unisonic Technologies SS14WG-SMA-R Datasheet HTML 2Page - Unisonic Technologies SS14WG-SMA-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SS14W
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-095.a
ABSOLUTE MAXIMUM RATINGS (TA =25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Recurrent Peak Reverse Voltage
VRRM
40
V
RMS Voltage
VRMS
28
V
Average Forward Current
.375” (9.5mm) lead length at
TL=75°C
IF(AV)
1.0
A
Peak Forward Surge
Current
8.3ms single half sine-wave
superimposed on rated load
(JEDEC method)
IFSM
30
A
Storage Temperature
TSTG
-40~+150
°C
Operating Junction Temperature
TJ
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (TA =25°C, unless otherwise specified.) (Note)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
88
°C/W
Junction to Case
θJC
28
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Forward Voltage (Note)
VF
IF=1.0A
0.5
V
DC Reverse Current at Rated DC
Blocking Voltage
IR
TJ=25°C
0.5
mA
TJ=100°C
50
mA
Note: Pulse test with PW=300μs, 1% duty cycle.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com