Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36944 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 36944
Description  Metric Ball End Hex Keys Black Finish
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

36944 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  36944 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
45
Metric Ball End Hex Keys Black Finish
Inch Ball End Hex Keys Black Finish
Ball End Hex Keys
Chamfered ends for
easy insertion
Ball End Hex
L-Keys
Working angle
up to 30O
9 Pc. Metric Ball End Long Hex L-Key Set in ProStar Holder
Blade chrome-vanadium-molybdenum steel, hardened, black finish.
Item
No.
mm
mm
mm
mm
lbs.
369 90
369 04
1.5
90
369 24
5.0
158
.95
369 08
2.0
99
369 28
6.0
178
369 12
2.5
111
369 36
8.0
198
369 16
3.0
125
369 44
10.0
221
369 20
4.0
138
369 90
Ball End Metric Hex L-Key, Long
Blade CVM steel, hardened, black finish.
Item
No.
mm
mm
mm
lbs.
pkg.
369 04
1.5
90
14
.004
10
369 08
2.0
99
16
.007
10
369 12
2.5
111
18
.012
10
369 16
3.0
125
20
.019
10
369 20
4.0
138
25
.042
10
369 24
5.0
158
28
.072
10
369 28
6.0
178
32
.12
10
369 36
8.0
198
36
.23
10
369 44
10.0
221
40
.40
10
369
13 Pc. Inch Ball End Long Hex L-Key Set in ProStar Holder
Blade chrome-vanadium-molybdenum steel, hardened, black finish.
Item No.
369 91
13 pc. set includes:
1.0 lbs.
.050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64,
5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
369 91
Ball End Inch Hex L-Key, Long Arm
Blade CVM steel, hardened, black finish.
Item
No.
Inch
Inch
Inch
lbs.
pkg.
369 45
.050
2.8
.5
.002
10
369 46
1/16
3.1
.6
.004
10
369 47
5/64
3.5
.7
.007
10
369 50
3/32
3.9
.7
.010
10
369 52
7/64
4.3
.7
.016
10
369 53
1/8
4.6
.8
.021
10
369 55
9/64
5.2
.9
.029
10
369 56
5/32
5.7
1.0
.035
10
369 59
3/16
6.2
1.1
.059
10
369 62
7/32
6.7
1.2
.092
10
369 65
1/4
7.3
1.2
.13
10
369 68
5/16
8.0
1.4
.22
10
369 71
3/8
8.8
1.6
.36
10
369
For angle
entry
For angle
entry
Set 6 Pc. Metric Ball End Long Hex L-Key Set
Blade chrome-vanadium-molybdenum steel, hardened, black finish.
Item
No.
mm
mm
mm
mm
lbs.
369 92
369 04
1.5
90
369 16
3.0
125
.30
369 08
2.0
99
369 20
4.0
138
369 12
2.5
111
369 24
5.0
158
369 92
Set 8 Pc. Inch Ball End Long Hex L-Key Set
Blade chrome-vanadium-molybdenum steel, hardened, black finish.
Item No.
369 93
8 pc. set includes:
.62 lbs.
5/64, 3/32, 1/8, 5/32, 3/16,
7/32, 1/4, 5/16”
369 93
2 Pack Inch & Metric Ball End Hex L-key Sets High alloy
CVM steel, hardened, black finish. Molded ergonomic handle.
Item No
369 95 2 Sets with 22 L-keys include:
lbs. 2.21
Sizes: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
.050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
369 95
See Short Arm L-keys
on Page 59
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 36944

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3694 ADAFRUIT-3694 Datasheet
365Kb / 2P
Solder‐free Stackable Banana Plugs 4mm ‐ Pack of 5 Multi Color
1-23-18
logo
Littelfuse
3694.000000 LITTELFUSE-3694.000000 Datasheet
173Kb / 3P
Radial Lead Fuses
3694.000440 LITTELFUSE-3694.000440 Datasheet
173Kb / 3P
Radial Lead Fuses
logo
List of Unclassifed Man...
36940 ETC2-36940 Datasheet
269Kb / 1P
Metric Ball End Hex Keys Chrome Finish
36941 ETC2-36941 Datasheet
269Kb / 1P
Metric Ball End Hex Keys Chrome Finish
More results

Similar Description - 36944

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4411 ETC2-4411 Datasheet
26Kb / 1P
Hex Keys
D00601 ETC1-D00601 Datasheet
30Kb / 1P
Folding Ball End Hex Key Set
35305 ETC2-35305 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
35307 ETC2-35307 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
36941 ETC2-36941 Datasheet
269Kb / 1P
Metric Ball End Hex Keys Chrome Finish
481-0095M-GR ETC2-481-0095M-GR Datasheet
76Kb / 2P
Metric Hex Nut
logo
CUI INC
HSS-B20-05 CUI-HSS-B20-05 Datasheet
279Kb / 3P
black anodized finish
HSS-B20-0508H-01 CUI-HSS-B20-0508H-01 Datasheet
353Kb / 3P
black anodized finish
HSS-B20-NP-11 CUI-HSS-B20-NP-11 Datasheet
266Kb / 3P
black anodized finish
HSS-B20-NPX-02 CUI-HSS-B20-NPX-02 Datasheet
283Kb / 3P
black anodized finish
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com