Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W199 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W199
Description  Spread Spectrum FTG for VIA Apollo Pro-133
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W199 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W199 Datasheet HTML 1Page - Cypress Semiconductor W199 Datasheet HTML 2Page - Cypress Semiconductor W199 Datasheet HTML 3Page - Cypress Semiconductor W199 Datasheet HTML 4Page - Cypress Semiconductor W199 Datasheet HTML 5Page - Cypress Semiconductor W199 Datasheet HTML 6Page - Cypress Semiconductor W199 Datasheet HTML 7Page - Cypress Semiconductor W199 Datasheet HTML 8Page - Cypress Semiconductor W199 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PRELIMINARY
Spread Spectrum FTG for VIA Apollo Pro-133
W199
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
October 19, 1999, rev. **
Features
• Maximized EMI suppression using Cypress’s Spread
Spectrum Technology
• Single-chip system frequency synthesizer for VIA
Apollo Pro-133
• Two copies of CPU output
• Six copies of PCI output
• One 48-MHz output for USB
• One 24-MHz output for SIO
• Two buffered reference outputs
• One IOAPIC output
• 13 SDRAM outputs provide support for 3 DIMMs
• Supports frequencies up to 150 MHz
•I2C™ interface for programming
• Power management control inputs
• Available in 48-pin SSOP
Key Specifications
CPU Cycle-to-Cycle Jitter: ......................................... 250 ps
CPU to CPU Output Skew: ........................................ 175 ps
PCI to PCI Output Skew: ............................................ 500 ps
VDDQ3: .................................................................... 3.3V±5%
VDDQ2: .................................................................... 2.5V±5%
SDRAMIN to SDRAM0:11 Delay: ..........................3.7 ns typ.
SDRAM0:11 (leads) to SDRAM_F Skew: ..............0.4 ns typ.
Table 1. Mode Input Table
Mode
Pin 2
0PCI_STOP#
1REF0
Table 2. Pin Selectable Frequency
Input Address
CPU_F,
CPU1 (MHz)
PCI_F, 1:5
(MHz)
FS3
FS2
FS1
FS0
1
1
1
1
133.3
33.3 (CPU/4)
1
1
1
0
124
31 (CPU/4)
1
1
0
1
150
37.5 (CPU/4)
1
1
0
0
140
35 (CPU/4)
1
0
1
1
105
35 (CPU/3)
1
0
1
0
110
36.7 (CPU/3)
1
0
0
1
115
38.3 (CPU/3)
1
0
0
0
120
40 (CPU/3)
0
1
1
1
100
33.3 (CPU/3)
0
1
1
0
133.3
44.43 (CPU/3)
0
1
0
1
112
37.3 (CPU/3)
0
1
0
0
103
34.3 (CPU/3)
0
0
1
1
66.8
33.4 (CPU/2)
0
0
1
0
83.3
41.7 (CPU/2)
0
0
0
1
75
37.5 (CPU/2)
0
0
0
0
124
41.3 (CPU/3)
I2C is a trademark of Philips Corporation.
Note:
1.
Internal pull-up resistors should not be relied upon for setting I/O pins HIGH. Pin function with parentheses determined by MODE pin resistor strapping.
Unlike other I/O pins, input FS3 has an internal pull-down resistor.
Logic Block Diagram
Pin Configuration
[1]
VDDQ3
REF0/(PCI_STOP#)
GND
X1
X2
VDDQ3
PCI_F/MODE
PCI1/FS3
GND
PCI2
PCI3
PCI4
PCI5
VDDQ3
SDRAMIN
GND
SDRAM11
SDRAM10
VDDQ3
SDRAM9
SDRAM8
GND
SDATA
SCLK
VDDQ2
IOAPIC
REF1/FS2*
GND
CPU_F
CPU1
VDDQ2
CLK_STOP#
SDRAM_F
GND
SDRAM0
SDRAM1
VDDQ3
SDRAM2
SDRAM3
GND
SDRAM4
SDRAM5
VDDQ3
SDRAM6
SDRAM7
VDDQ3
48MHz/FS0*
24MHz/FS1*
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
I
2C
{
VDDQ3
REF0/(PCI_STOP#)
VDDQ2
CPU1
PCI_F/MODE
XTAL
PLL Ref Freq
PLL 1
X2
X1
REF1/FS2
VDDQ3
Stop
Clock
Control
Stop
Clock
Control
PCI2
PCI3
PCI4
48MHz/FS0
24MHz/FS1
PLL2
÷2,3,4
OSC
VDDQ2
CLK_STOP#
VDDQ3
IOAPIC
PCI5
I
2C
SDATA
Logic
SCLK
I/O Pin
Control
SDRAM0:11
SDRAMIN
12
VDDQ3
PCI1/FS3
Stop
Clock
Control
Stop
Clock
Control
CPU_F
÷2
SDRAM_F


Similar Part No. - W199

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1991 PULSE-W1991 Datasheet
991Kb / 13P
LTE Stealth Blade Antenna
W1991AV PULSE-W1991AV Datasheet
991Kb / 13P
LTE Stealth Blade Antenna
logo
List of Unclassifed Man...
W199ABMX-7 ETC2-W199ABMX-7 Datasheet
1Mb / 11P
Advantages of the W199 Power Relay
W199ADBX-4 ETC2-W199ADBX-4 Datasheet
1Mb / 11P
Advantages of the W199 Power Relay
W199AX-8 ETC2-W199AX-8 Datasheet
1Mb / 11P
Advantages of the W199 Power Relay
More results

Similar Description - W199

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W161 CYPRESS-W161 Datasheet
117Kb / 9P
133-MHz Spread Spectrum FTG for Pentium II Platforms
October 13, 1999, rev.
W167B CYPRESS-W167B Datasheet
180Kb / 18P
133-MHz Spread Spectrum FTG for Pentium II Platforms
November 2, 1999
W196 CYPRESS-W196 Datasheet
138Kb / 11P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
October 28, 1999, rev
W210 CYPRESS-W210 Datasheet
162Kb / 14P
Spread Spectrum FTG for VIA K7 Chipset
April 11, 2000, rev. C
W216 CYPRESS-W216 Datasheet
154Kb / 14P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
October 27, 1999, rev
W211B CYPRESS-W211B Datasheet
174Kb / 16P
FTG for 440BX, VIA Apollo Pro-133, and ProMedia
W230-03 CYPRESS-W230-03 Datasheet
175Kb / 15P
Spread Spectrum FTG for VIA K7 Chipset
W210H CYPRESS-W210H Datasheet
165Kb / 14P
Spread Spectrum FTG for VIA K7 Chipset
logo
SpectraLinear Inc
W196 SPECTRALINEAR-W196 Datasheet
130Kb / 11P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
logo
Cypress Semiconductor
W196 CYPRESS-W196_02 Datasheet
144Kb / 12P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com