Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W210 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W210
Description  Spread Spectrum FTG for VIA K7 Chipset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W210 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W210 Datasheet HTML 1Page - Cypress Semiconductor W210 Datasheet HTML 2Page - Cypress Semiconductor W210 Datasheet HTML 3Page - Cypress Semiconductor W210 Datasheet HTML 4Page - Cypress Semiconductor W210 Datasheet HTML 5Page - Cypress Semiconductor W210 Datasheet HTML 6Page - Cypress Semiconductor W210 Datasheet HTML 7Page - Cypress Semiconductor W210 Datasheet HTML 8Page - Cypress Semiconductor W210 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
W210
2
Pin Definitions
Pin Name
Pin No.
Pin Type
Pin Description
CPUT0,
CPUC0,
CPUT_CS
43, 44, 46
O
(open-
drain)
CPU Clock Output 0: CPUT0 and CPUC0 are the differential CPU clock outputs
for the K7 processor. CPUT_CS is the open-drain clock output for the chipset. It
has the same phase relationship as CPUT0.
PCI2:5
10, 11, 12, 13
O
PCI Clock Outputs 2 through 5: These four PCI clock outputs are controlled by
the PWRDWN# control pin. Frequency is set by FS0:3 inputs or through serial
input interface, see Tables 2 and 6 for details. Output voltage swing is controlled
by voltage applied to VDDQ3.
PCI1/FS1
8
I/O
Fixed PCI Clock Output/Frequency Select 1: As an output, frequency is set by
FS0:3 inputs or through serial input interface. This output is controlled by the
PWRDWN# input. This pin also serves as a power-on strap option to determine
device operating frequency as described in Table 2.
PCI0/MODE
7
I/O
Fixed PCI Clock Output/Mode: As an output, frequency is set by the FS0:3 inputs
or through serial input interface, see Tables 2 and 6. This output is controlled by
the PWRDWN# input. This pin also serves as a power-on strap option to determine
the function of pin 2, see Table 1 for details.
PWRDWN#
41
I
PWRDWN# Input: LVTTL-compatible input that places the device in power-down
mode when held LOW. In power-down mode,CPUC0 will be three-stated and all
the other output clocks will be driven LOW.
48MHz/FS2
26
I/O
48-MHz Output/Frequency Select 2: 48 MHz is provided in normal operation. In
standard PC systems, this output can be used as the reference for the Universal
Serial Bus host controller. This pin also serves as a power-on strap option to
determine device operating frequency as described in Table 2.
24_48MHz/
FS3
25
I/O
24_48-MHz Output/Frequency Select 3: In standard PC systems, this output can
be used as the clock input for a Super I/O chip. The output frequency is controlled
by Configuration Byte 3 bit[6]. The default output frequency is 24 MHz. This pin
also serves as a power-on strap option to determine device operating frequency
as described in Table 2.
REF1/FS0
48
I/O
Reference Clock Output 1/Frequency Select 2: 3.3V 14.318-MHz output clock.
This pin also serves as a power-on strap option to determine device operating
frequency as described in Table 2. Upon power-up, FS0 input will be latched, which
will set clock frequencies as described in Table 2.
REF0/
CPU_STOP#
2
I/O
Reference Clock Output 0 or CPU_STOP# Input Pin: Function is determined
by the MODE pin. When CPU_STOP# input is asserted LOW, it will drive CPUT0
and CPUT_CS to logic 0, and it will three-state CPUC0. When this pin is configured
as an output, this pin becomes a 3.3V 14.318-MHz output clock.
SDRAMIN
15
I
Buffered Input Pin: The signal provided to this input pin is buffered to 13 outputs
(SDRAM0:12).
SDRAM0:12
38, 37, 35,
34, 32, 31,
29, 28, 21,
20, 18, 17, 40
O
Buffered Outputs: These thirteen dedicated outputs provide copies of the signal
provided at the SDRAMIN input. The swing is set by VDDQ3, and they are deac-
tivated when PWRDWN# input is set LOW.
SCLK
24
I
Clock pin for I2C circuitry.
SDATA
23
I/O
Data pin for I2C circuitry.
X1
4
I
Crystal Connection or External Reference Frequency Input: This pin has dual
functions. It can be used as an external 14.318-MHz crystal connection or as an
external reference frequency input.
X2
5
I
Crystal Connection: An input connection for an external 14.318-MHz crystal. If
using an external reference, this pin must be left unconnected.
VDDQ3
1, 6, 14, 19,
27, 30, 36, 42
P
Power Connection: Power supply for core logic, PLL circuitry, SDRAM outputs,
PCI outputs, reference outputs, 48-MHz output, and 24_48-MHz output. Connect
to 3.3V supply.
GND
3, 9, 16, 22,
33, 39, 45, 47
G
Ground Connections: Connect all ground pins to the common system ground
plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com