Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD723S2 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # ASD723S2
Description  Advanced Schottky Barrier Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ASD723S2 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  ASD723S2 Datasheet HTML 1Page - Cystech Electonics Corp. ASD723S2 Datasheet HTML 2Page - Cystech Electonics Corp. ASD723S2 Datasheet HTML 3Page - Cystech Electonics Corp. ASD723S2 Datasheet HTML 4Page - Cystech Electonics Corp. ASD723S2 Datasheet HTML 5Page - Cystech Electonics Corp. ASD723S2 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C343S2
Issued Date : 2009.03.17
Revised Date :2009.04.30
Page No. : 2/6
ASD723S2
CYStek Product Specification
Electrical Characteristics ( TA=25
°C, unless otherwise noted)
Parameter
Condition
Symbol Min Typ Max
Unit
Reverse Breakdown
IR=100μA
VR
30
-
-
V
IF = 2mA
-
260
-
IF = 15mA
-
320
-
IF = 100mA
-
420
-
*Forward Voltage
IF = 200mA
VF
-
490
550
mV
Reverse Current
VR = 30V
IR
-
-
5
μA
*Pulse Test: Pulse Width
≤380μs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
Marking
ASD723S2
SOD-323
(Pb-free package)
3000 pcs / Tape & Reel
S21
Moisture Sensitivity Level : conform to JEDEC level 1
Recommended Storage Condition:
Temperature : ≤ 30
°C
Humidity : ≤ 85% RH
Floor Life : unlimited



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com