Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSP331M2D6UATRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NSP331M2D6UATRF
Description  Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSP331M2D6UATRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NSP331M2D6UATRF Datasheet HTML 1Page - NIC-Components Corp. NSP331M2D6UATRF Datasheet HTML 2Page - NIC-Components Corp. NSP331M2D6UATRF Datasheet HTML 3Page - NIC-Components Corp. NSP331M2D6UATRF Datasheet HTML 4Page - NIC-Components Corp. NSP331M2D6UATRF Datasheet HTML 5Page - NIC-Components Corp. NSP331M2D6UATRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NSP Series
NIC Part Number
WV Cap.
Max. LC
Tan δ
Max. Ripple Current
+105°C & 100KHz (mArms)
Max. ESR
+20°C & 100KHz (Ω)
Height
H
(Vdc) (µF)
(µA)
NSP471M2D6UATRF
2.0
470
94.0
0.06
3,800
0.0045
1.9±0.2
NSP471M2D6VATRF
470
94.0
0.06
4,000
0.003
1.9±0.2
NSP561M2D6ATRF
560
112.0
0.06
2,700
0.015
1.9±0.1
NSP561M2D6UATRF
560
112.0
0.06
3,800
0.0045
1.9±0.1
NSP561M2D6VATRF
560
112.0
0.06
4,000
0.003
1.9±0.1
NSP820M2.5D2ATRF
2.5
82
20.5
0.06
2,500
0.018
1.8±0.1
NSP820M2.5D2XATRF
82
20.5
0.06
2,700
0.015
1.8±0.1
NSP101M2.5D2ATRF
100
25.0
0.06
2,500
0.018
1.8±0.1
NSP101M2.5D2XATRF
100
25.0
0.06
2,700
0.015
1.8±0.1
NSP101M2.5D2ZATRF
100
25.0
0.06
3,000
0.009
1.8±0.1
NSP121M2.5D2ATRF
120
30.0
0.06
2,500
0.018
1.8±0.1
NSP121M2.5D2ZATRF
120
30.0
0.06
3,000
0.009
1.8±0.1
NSP151M2.5D2ATRF
150
37.5
0.06
2,500
0.018
1.8±0.1
NSP151M2.5D2ZATRF
150
37.5
0.06
3,000
0.009
1.8±0.1
NSP151M2.5D6ZATRF
150
37.5
0.06
3,000
0.009
1.9±0.2
NSP181M2.5D6ZATRF
180
45.0
0.06
3,000
0.009
1.9±0.2
NSP221M2.5D6ATRF
220
55.0
0.06
2,700
0.015
1.9±0.2
NSP221M2.5D6ZATRF
220
55.0
0.06
3,000
0.009
1.9±0.2
NSP221M2.5D6YATRF
220
55.0
0.06
3,500
0.007
1.9±0.2
NSP271M2.5D6YATRF
270
67.5
0.06
3,500
0.007
1.9±0.2
NSP331M2.5D6ATRF
330
82.5
0.06
2,700
0.015
1.9±0.2
NSP331M2.5D6ZATRF
330
82.5
0.06
3,000
0.009
1.9±0.2
NSP331M2.5D6YATRF
330
82.5
0.06
3,500
0.006
1.9±0.2
NSP331M2.5D6UATRF
330
82.5
0.06
3,800
0.0045
1.9±0.2
NSP391M2.5D6ATRF
390
97.5
0.06
2,700
0.015
1.9±0.2
NSP391M2.5D6ZATRF
390
97.5
0.06
3,000
0.009
1.9±0.2
NSP391M2.5D6YATRF
390
97.5
0.06
3,500
0.006
1.9±0.2
NSP391M2.5D6UATRF
390
97.5
0.06
3,800
0.0045
1.9±0.2
NSP471M2.5D6ATRF
470
117.5
0.06
2,700
0.015
1.9±0.2
NSP471M2.5D6ZATRF
470
117.5
0.06
3,500
0.009
1.9±0.2
NSP471M2.5D6YATRF
470
117.5
0.06
3,500
0.006
1.9±0.2
NSP471M2.5D6UATRF
470
117.5
0.06
3,800
0.0045
1.9±0.2
NSP471M2.5D6VATRF
470
117.5
0.06
4,000
0.003
1.9±0.2
NSP560M4D2ATRF
4.0
56
22.4
0.06
2,500
0.018
1.8±0.1
NSP560M4D2XATRF
56
22.4
0.06
2,700
0.015
1.8±0.1
NSP680M4D2ATRF
68
27.2
0.06
2,500
0.018
1.8±0.1
NSP680M4D2XATRF
68
27.2
0.06
2,700
0.015
1.8±0.1
NSP820M4D2ATRF
82
32.8
0.06
2,500
0.018
1.8±0.1
NSP820M4D2XATRF
82
32.8
0.06
2,700
0.015
1.8±0.1
NSP820M4D2ZATRF
82
32.8
0.06
3,000
0.009
1.8±0.1
NSP820M4D6ZATRF
82
32.8
0.06
3,000
0.009
1.9±0.2
NSP101M4D2ATRF
100
40.0
0.06
1,800
0.018
1.8±0.1
NSP101M4D6ZATRF
100
40.0
0.06
3,000
0.009
1.9±0.2
NSP151M4D6ATRF
150
60.0
0.06
2,700
0.015
1.9±0.2
NSP151M4D6ZATRF
150
60.0
0.06
3,000
0.009
1.9±0.2
NSP151M4D6YATRF
150
60.0
0.06
3,500
0.007
1.9±0.2
NSP181M4D6ATRF
180
72.0
0.06
2,700
0.015
1.9±0.2
NSP181M4D6XATRF
180
72.0
0.06
3,000
0.012
1.9±0.2
NSP181M4D6ZATRF
180
72.0
0.06
3,000
0.009
1.9±0.2
NSP221M4D6ATRF
220
88.0
0.06
2,700
0.015
1.9±0.2
NSP221M4D6XATRF
220
88.0
0.06
3,000
0.012
1.9±0.2
NSP221M4D6ZATRF
220
88.0
0.06
3,000
0.009
1.9±0.2
NSP271M4D6ATRF
270
108.0
0.06
2,700
0.015
1.9±0.2
NSP331M4D4ATRF
330
132.0
0.10
3,700
0.012
4.2±0.1
NSP100M6.3D2ATRF
6.3
10
6.3
0.06
1,400
0.055
1.8±0.1
NSP220M6.3D2ATRF
22
13.9
0.06
1,600
0.040
1.8±0.1
NSP330M6.3D2ATRF
33
20.8
0.06
2,000
0.028
1.8±0.1
NSP470M6.3D2ATRF
47
29.6
0.06
2,500
0.018
1.8±0.1
NSP470M6.3D2XATRF
47
29.6
0.06
2,700
0.015
1.8±0.1
NSP680M6.3D2ATRF
68
42.8
0.06
2,500
0.018
1.8±0.1
NSP680M6.3D2XATRF
68
42.8
0.06
2,700
0.015
1.8±0.1
Surface Mount Specialty Polymer Solid Aluminum
Electrolytic Capacitors
New Values
STANDARD PRODUCTS AND SPECIFICATIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com