Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70AS3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BAS70AS3
Description  Small Signal Schottky (double) diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BAS70AS3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BAS70AS3 Datasheet HTML 1Page - Cystech Electonics Corp. BAS70AS3 Datasheet HTML 2Page - Cystech Electonics Corp. BAS70AS3 Datasheet HTML 3Page - Cystech Electonics Corp. BAS70AS3 Datasheet HTML 4Page - Cystech Electonics Corp. BAS70AS3 Datasheet HTML 5Page - Cystech Electonics Corp. BAS70AS3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C248S3
Issued Date : 2012.07.09
Revised Date :
Page No. : 2/6
BAS70S3/BAS70AS3/BAS70CS3/BAS70SS3
CYStek Product Specification
Absolute Maximum Ratings
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
continuous reverse voltage
-
70
V
IF
continuous forward current
-
70
mA
IFRM
repetitive peak forward current
tp≤1s, δ≤0.5
-
100
mA
Ptot
total power dissipation (per package)
Tamb≤25℃
-
200
mW
Tstg
storage temperature
-65
+150
Tamb
operating ambient temperature
-55
+125
Characteristics (Ta=25
°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Max.
Unit
Reverse Breakdown Voltage
VBR
IR=10μA
70
-
V
VF(1)
IF=1mA
-
410
mV
Forward Voltage (Note 1)
VF(2)
IF=15mA
-
1000
mV
Reverse Leakage Current (Note 1)
IR
VR=50V
-
100
nA
Diode Capacitance
CD
VR=0V, f=1MHz
-
2
pF
Reverse Recovery Time
trr
when switched from IF= 10mA
to IR=10mA; RL=100
Ω;
measured at IR=1mA
-
5
ns
Notes
: 1.pulse test, tp=300μs, duty cycle<2%.
Thermal Characteristics
Symbol
Parameter
Conditions
Value
Unit
Rth j-a
thermal resistance from junction to ambient
note 1
625
K/W
Note 1 : Refer to SOT-323 standard mounting conditions.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com