Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN08029 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN08029
Description  80MHz SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN08029 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN08029 Datasheet HTML 1Page - SIPAT Co,Ltd LBN08029 Datasheet HTML 2Page - SIPAT Co,Ltd LBN08029 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN08029
Rev. Date
2007-12-14
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
80MHz SAW Filter
10MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN08029
Typical Performance
Frequency Respond
Passband Respond
55
60
65
70
75
80
85
90
95
100
105
-111.7942
-101.7942
-91.7942
-81.7942
-71.7942
-61.7942
-51.7942
-41.7942
-31.7942
-21.7942
-11.7942
Type Performance
Frequency(MHz)
72
74
76
78
80
82
84
86
88
-23.7942
-23.2942
-22.7942
-22.2942
-21.7942
-21.2942
-20.7942
-20.2942
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±5MHz)
Phase Linearity(f0±5MHz)
72
74
76
78
80
82
84
86
88
2050
2100
2150
2200
2250
2300
2350
2400
2450
2500
X: 80
Y: 2367
Type Performance
Frequency(MHz)
X: 85
Y: 2305
X: 75
Y: 2321
72
74
76
78
80
82
84
86
88
-10
-8
-6
-4
-2
0
2
4
6
8
X: 80
Y: -1.05
Type Performance
Frequency(MHz)
X: 85
Y: 1.272
X: 75
Y: -0.2816
Horizontal: 2MHz/Div
Vertical: 50ns/Div
Horizontal: 2MHz/Div
Vertical: 2deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com