Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN08202 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN08202
Description  82MHz SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN08202 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN08202 Datasheet HTML 1Page - SIPAT Co,Ltd LBN08202 Datasheet HTML 2Page - SIPAT Co,Ltd LBN08202 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN08202
Rev. Date
2006-11-3
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
82MHz SAW Filter
6MHz Bandwidth
Part Number: LBN08202
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
81.9
82
82.1
Insertion Loss
dB
-
20.4
27
1 dB Bandwidth
MHz
-
5.9
-
3 dB Bandwidth
MHz
6.05
6.12
-
40 dB Bandwidth
MHz
-
6.82
-
Passband Variation
dB
-
0.8
1
Absolute Delay
usec
-
3.64
4
f0±3.45MHz
dB
35
53
-
f0±3.65MHz
dB
45
53
-
f0±4.05MHz
dB
50
53
-
f0±8.05MHz
dB
55
65
-
Ultimate Rejection
f0±15MHz
dB
55
75
-
Material Temperature coefficient
KHz/°C
-7.7
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - LBN08202

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN08202 SIPAT-LBN08202 Datasheet
139Kb / 3P
82MHz SAW Filter 6MHz Bandwidth
More results

Similar Description - LBN08202

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS08201 SIPAT-LBS08201 Datasheet
137Kb / 3P
82MHz SAW Filter 2MHz Bandwidth
LBN08202 SIPAT-LBN08202 Datasheet
139Kb / 3P
82MHz SAW Filter 6MHz Bandwidth
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0984A TAI-SAW-TB0984A Datasheet
351Kb / 7P
SAW Filter 753.5MHz 82MHz BW (SMD 5.0횞5.0 mm)
logo
SIPAT Co,Ltd
LBS08201 SIPAT-LBS08201 Datasheet
142Kb / 3P
82MHz SAW Filter 2MHz Bandwidth
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com