Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMMSZ5228AL-CA2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UMMSZ5228AL-CA2-R
Description  SURFACE MOUNT SILICON ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UMMSZ5228AL-CA2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UMMSZ5228AL-CA2-R Datasheet HTML 1Page - Unisonic Technologies UMMSZ5228AL-CA2-R Datasheet HTML 2Page - Unisonic Technologies UMMSZ5228AL-CA2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UMMSZ52XXA
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-094. a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Zener Current
IZM
115
mA
Peak Forward Surge Current, 8.3ms Single Half
Sine-Wave Superimposed on Rated Load (Note 2)
IFSM
4.0
A
Power Dissipation at 75°C (Note 1)
PD
500
mW
Operating Junction Temperature
TJ
-50~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Mounted on 5.0mm
2 (.013mm thick) land areas.
3. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute
maximum.
ELECTRICAL CHARACTERISTICS
For UMMSZ5231A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Nominal Zener Volage
VZ
IZT=20mA
5.0
5.1
5.2
V
Zener Impedance
ZZT
IZT=20mA
17
ZZK
IZK=0.25mA
1600
Reverse Leakage Current
IR
VR=2V
5
µA
For UMMSZ5234A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Nominal Zener Volage
VZ
IZT=20mA
6.08
6.2
6.32
V
Zener Impedance
ZZT
IZT=20mA
7
ZZK
IZK=0.25mA
1000
Reverse Leakage Current
IR
VR=4V
5
µA
For UMMSZ5248A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Nominal Zener Volage
VZ
IZT=7mA
17.64
18
18.36
V
Zener Impedance
ZZT
IZT=7mA
21
ZZK
IZK=0.25mA
600
Reverse Leakage Current
IR
VR=14V
0.1
µA
For UMMSZ5250A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Nominal Zener Volage
VZ
IZT=6.2mA
19.6
20
20.4
V
Zener Impedance
ZZT
IZT=6.2mA
25
ZZK
IZK=0.25mA
600
Reverse Leakage Current
IR
VR=15V
0.1
µA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com