Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMR11NL-AL6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UMR11NL-AL6-R
Description  SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UMR11NL-AL6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UMR11NL-AL6-R Datasheet HTML 1Page - Unisonic Technologies UMR11NL-AL6-R Datasheet HTML 2Page - Unisonic Technologies UMR11NL-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UMR11N
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-204.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Reverse Voltage (Repetitive Peak)
VRM
80
V
Reverse Voltage (DC)
VR
80
V
Forward Current (Single)
IFM
300
mA
Average Retcified Forward Current
IO
100
mA
Surge Current (t=1μs)
Isurge
4
A
Power Dissipation
PD
200
mW
Storage Temperature
TSTG
-55~+150
°C
Junction Temperature
TJ
150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Forward Voltage
VF
IF=100mA
1.2
V
Reverse Current
IR
VR=70V
0.1
μA
Reverse Recovery Time
Trr
VR=6V,IF=5mA,RL=50Ω
4
ns
Capacitance Between Terminals
Ct
VR=6V , f=1MHz
3.5
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com