Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USMS05L-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # USMS05L-AG6-R
Description  TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USMS05L-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  USMS05L-AG6-R Datasheet HTML 1Page - Unisonic Technologies USMS05L-AG6-R Datasheet HTML 2Page - Unisonic Technologies USMS05L-AG6-R Datasheet HTML 3Page - Unisonic Technologies USMS05L-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
USMS05
Preliminary
TVS
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R215-008.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
ESD Voltage (HBM Contact) (Note 2)
Air
VESD
25
kV
Contact
20
kV
Peak Pulse Power (tP=8/20μs)
PPK
350
W
Operating Temperature
TJ
-55~+125
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. IEC 61000-4-2.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Reverse Stand-Off Voltage
VRWM
5
V
Reverse Breakdown Voltage
VBR
IT=1mA
6
V
Reverse Leakage Current
IR
VRWM=5V, T=25°C
20
μA
Clamping Voltage
VC
IPP=5A, tp=8/20μs
9.8
V
IPP=24A, tp=8/20μs
14.5
V
Peak Pulse Current
IPP
tp=8/20μs
24
A
Junction Capacitance
Cj
Between I/O Pins and Ground
VR=0V, f=1MHZ
325
400
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com