Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UZ5C056L-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UZ5C056L-AG6-R
Description  PROTECTION IN PORTABLE ELECTRONICS APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UZ5C056L-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UZ5C056L-AG6-R Datasheet HTML 1Page - Unisonic Technologies UZ5C056L-AG6-R Datasheet HTML 2Page - Unisonic Technologies UZ5C056L-AG6-R Datasheet HTML 3Page - Unisonic Technologies UZ5C056L-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UZ5C056
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R601-074.a
ABSOLUTE MAXIMUM RATING (T
A=25°C, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Pulse Power (tP=8/20µs)
PPK
150
W
Peak Pulse Current (tP=8/20µs)
IPP
10
A
Junction Temperature
TJ
-55~150
°C
Storage Temperature
TSTG
-55~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25°C, unless otherwise specified )
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Stand-Off Voltage
VRWM
5
V
Reverse Breakdown Voltage
VBR
It=1mA
6.3
V
Reverse Leakage Current
IR
VRWM=5V
1
µA
Clamping Voltage
VC
IPP=10A, tP=8/20µs
14.5
V
Junction Capacitance
CJ
VR=0V, f=1MHz
Between I/O Pins and GND
100
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com