Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X0202xL-AA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # X0202xL-AA3-R
Description  SENSITIVE SCRS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

X0202xL-AA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  X0202xL-AA3-R Datasheet HTML 1Page - Unisonic Technologies X0202xL-AA3-R Datasheet HTML 2Page - Unisonic Technologies X0202xL-AA3-R Datasheet HTML 3Page - Unisonic Technologies X0202xL-AA3-R Datasheet HTML 4Page - Unisonic Technologies X0202xL-AA3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
X0202/A/B
SCR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R301-006.D
TYPICAL CHARACTERISTICS
Relative Variation of Gate Trigger
Current, Holding Current and Latching
Current vs. Junction Temperature
-40
0.25
-20
20
0.50
0.75
1.00
0
0.0
40 60 80100 120 140
1.25
1.50
TJ(℃)
IGT
IH&IL
(Rgk=1kΩ)
Relative Variation of Holding Current
vs. Gate-Cathode Resistance
0.01
0.5
0.1
1
1.0
1.5
2.0
0.0
10
2.5
3.0
3.5
4.0
TJ=25℃
Rgk(kΩ)
Gate-cathode Resistance (Typical Values)
Junction Temperature (Typical Values)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com