Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X0202G-AA3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # X0202G-AA3-R
Description  SENSITIVE SCRS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

X0202G-AA3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  X0202G-AA3-R Datasheet HTML 1Page - Unisonic Technologies X0202G-AA3-R Datasheet HTML 2Page - Unisonic Technologies X0202G-AA3-R Datasheet HTML 3Page - Unisonic Technologies X0202G-AA3-R Datasheet HTML 4Page - Unisonic Technologies X0202G-AA3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
X0202/A/B
SCR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R301-006.D
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)
PARAMETERS
SYMBOL
RATINGS
UNIT
Peak Repetitive Forward and Reverse Blocking Voltage
(TJ=110°C, RGK=1kΩ)
X0202
VDRM, VRRM
600
V
X0202A
800
V
X0202B
1000
V
RMS On-State Current 180°C Conduction Angle
Ttab=95°C
IT(RMS)
1.25
A
Average On-State Current 180°C Conduction Angle
Ttab=95°C
IT(AV)
0.8
A
Non Repetitive Surge Peak on-State Current (tP=8.3ms TJ=25°C)
ITSM
25
A
Non Repetitive Surge Peak on-State Current (tP=10ms TJ=25°C)
ITSM
22.5
A
I
2t Value for Fusing (tp=10ms TJ=25°C)
I
2t
2.5
A
2S
Critical Rate Of Rise Of On-state Current
IG=2×IGT,tr≤100ns, f=60Hz, TJ=125°C
dI/dt
50
A/μs
Peak Gate Current (p=20
s TJ=125°C)
IGM
1.2
A
Average Gate Power Dissipation (TJ=125°C)
PG(AV)
0.2
W
Operating Junction Temperature Range
TJ
-40 ~ +125
°C
Storage Junction Temperature Range
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Tab
SOT-223
θJT
25
°C/W
TO-92
60
°C/W
Junction to Ambient (S=5cm)
SOT-223
θJA
60
°C/W
TO-92
150
°C/W
S=Copper surface under tab
ELECTRICAL CHARACTERISTI
PARAMETER
SYMBOL TEST CONDITIONS MIN
TYP MAX UNIT
Peak Forward or Reverse Blocking Current
TJ=25°C
IDRM, IRRM VDRM=VRRM, RGK=1kΩ
5
μA
TJ=125°C
500
μA
Peak Forward On-State Voltage
VTM
ITM= 2.5A, tp=380μs
1.45
V
Gate Trigger Current
IGT
VD=12V, RL=140Ω
200
μA
Gate Trigger Voltage
VGT
VD=12V, RL=140Ω
0.8
V
Gate Non-Trigger Voltage
VGD
VD=VDRM, RL=3.3kΩ,
RGK=1kΩ, (TJ=125°C)
0.1
V
Holding Current
IH
IT=50mA, RGK=1kΩ
5
mA
Latch Current
IL
IG=1mA, RGK=1kΩ
6
mA
Critical Rate of Rise of Off-State Voltage
dv/dt
VD=67%VDRM,
RGK=1kΩ, (TJ=110°C)
10
V/μs
Peak Reversed Gate Voltage
VRG
IRG=10 A
8
V
Threshold Voltage
VTO
(TJ=125°C)
0.9
V
Dynamic Resistance
Rd
(TJ=125°C)
200
mΩ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com