Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN09607 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN09607
Description  96MHz SAW Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN09607 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN09607 Datasheet HTML 1Page - SIPAT Co,Ltd LBN09607 Datasheet HTML 2Page - SIPAT Co,Ltd LBN09607 Datasheet HTML 3Page - SIPAT Co,Ltd LBN09607 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN09607
Rev. Date
2007-4-3
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
96MHz SAW Filter
10MHz Bandwidth
Part Number: LBN09607
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
95.9
96
96.1
Insertion Loss
dB
-
21
24
1 dB Bandwidth
MHz
9.8
9.96
10.2
3 dB Bandwidth
MHz
-
10.34
-
35 dB Bandwidth
MHz
-
11.7
11.8
40 dB Bandwidth
MHz
-
11.78
-
Passband Variation
dB
-
0.6
1
Absolute Delay
usec
-
2.4
2.5
Ultimate Rejection
dB
50
53
-
SWR(S11)
-
-
2.6
5
SWR(S22)
-
-
2.8
5
Material Temperature coefficient
KHz/°C
-9.024
Ambient Temperature
°C
25
Package Size
DIP2212
(22.2x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - LBN09607

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09607 SIPAT-LBN09607 Datasheet
151Kb / 4P
96MHz SAW Filter 10MHz Bandwidth
More results

Similar Description - LBN09607

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09603 SIPAT-LBN09603 Datasheet
147Kb / 3P
96MHz SAW Filter 22MHz Bandwidth
LBN09607 SIPAT-LBN09607 Datasheet
151Kb / 4P
96MHz SAW Filter 10MHz Bandwidth
LBT09605 SIPAT-LBT09605 Datasheet
144Kb / 3P
96MHz SAW Filter 5MHz Bandwidth
LBT09611 SIPAT-LBT09611 Datasheet
155Kb / 3P
96MHz SAW Filter 5MHz Bandwidth
LBN09603 SIPAT-LBN09603 Datasheet
180Kb / 3P
96MHz SAW Filter
LBN09604 SIPAT-LBN09604 Datasheet
339Kb / 3P
96MHz SAW Filter
LBN09610 SIPAT-LBN09610 Datasheet
153Kb / 3P
96MHz SAW Filter
LBN09613 SIPAT-LBN09613 Datasheet
145Kb / 3P
96MHz SAW Filter
LBN09615 SIPAT-LBN09615 Datasheet
322Kb / 3P
96MHz SAW Filter
LBT09611 SIPAT-LBT09611 Datasheet
155Kb / 3P
96MHz SAW Filter 5MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com